Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR12N3-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # LR12N3-G
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12N3-G Datasheet(HTML) 6 Page - Supertex, Inc

Back Button LR12N3-G Datasheet HTML 2Page - Supertex, Inc LR12N3-G Datasheet HTML 3Page - Supertex, Inc LR12N3-G Datasheet HTML 4Page - Supertex, Inc LR12N3-G Datasheet HTML 5Page - Supertex, Inc LR12N3-G Datasheet HTML 6Page - Supertex, Inc LR12N3-G Datasheet HTML 7Page - Supertex, Inc LR12N3-G Datasheet HTML 8Page - Supertex, Inc LR12N3-G Datasheet HTML 9Page - Supertex, Inc LR12N3-G Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
LR12
Typical Performance Curves (cont.)
6.04k
±1%
18.2k±1%
100nF
1.0k
0V to 50V
VOUT = 5.0V
VOUT
ADJ
VIN
LR12
V
OUT vs. VIN
V
IN (V)
0
20
40
60
80
100
6.0
5.0
4.0
3.0
2.0
1.0
0
6.04k
±1%
18.2k ±1%
100nF
R
LOAD
65V
I
OUT
20V
P-P
@ 120Hz
V
OUT = 5.0V
VOUT
ADJ
VIN
LR12
Ripple Rejection
I
OUT (mA)
0
10
20
30
40
50
-65
-64
-63
-62
-61
-60


Similar Part No. - LR12N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12N3-G SUTEX-LR12N3-G Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
More results

Similar Description - LR12N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com