Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1711FG-GM931 Datasheet(PDF) 9 Page - Supertex, Inc

Part # MD1711FG-GM931
Description  High Speed, Integrated Ultrasound Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1711FG-GM931 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button MD1711FG-GM931 Datasheet HTML 4Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 5Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 6Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 7Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 8Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 9Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 10Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 11Page - Supertex, Inc MD1711FG-GM931 Datasheet HTML 12Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Supertex inc.
www.supertex.com
Doc.# DSFP-MD1711
E031714
MD1711
Pin Description
Pin #
Name
Description
1
POSA / POS1A
Logic input control for channel A. When SEL = L, the pin is POSA. When SEL = H, the pin
is POS1A.
2
NEGA / NEG1A
Logic input control for channel A. When SEL = L, the pin is NEGA. When SEL = H, the pin
is NEG1A.
3
HVEN1A / POS2A Logic input control for channel A. When SE L= L, the pin is HVEN1A. When SEL = H, the
pin is POS2A.
4
HVEN2A / NEG2A Logic input control for channel A. When SEL = L, the pin is HVEN2A. When SEL = H, the
pin is NEG2A.
5
CLAMPA
Used with SEL = H. Logic input control for OUT-PA3 and OUT-NA3. Connect to ground when
SEL = L.
6
AV
DD1
Supplies analog circuitry portion of the gate driver. Should be at the same potential as
DV
DD1.
7
AGND
Analog Ground.
8
CLAMPB
Used with SEL = H. Logic input control for OUT-PB3 and OUT-NB3. Connect to ground when
SEL = L.
9
HVEN2B / NEG2B Logic input control for channel B. When SEL = L, the pin is HVEN2B. When SEL = H, the
pin is NEG2B.
10
HVEN1B / POS2B Logic input control for channel B. When SEL = L, the pin is HVEN1B. When SEL = H, the
pin is POS2B.
11
NEGB / NEG1B
Logic input control for channel B. When SEL = L, the pin is NEGB. When SEL = H, the pin
is NEG1B.
12
POSB / POS1B
Logic input control for channel B. When SEL = L, the pin is POSB. When SEL = H, the pin
is POS1B.
13
SEL
Logic input select. See truth tables for SEL = L and SEL = H.
14
AVSS
Negative driver supply for OUT-PA3, OUT-PB3 and bias circuits. They are also connected
to the IC substrate. They are required to connect to the most negative potential of voltage
supplies.
15
16
DVSS
Gate drive supply voltage for OUT-PA3 and OUT-PB3. Supplies digital circuitry portion and
the main Output stage. Should be at the same potential as AVSS.
17
OUT-PB3
Output P-Channel gate driver for channel B.
18
DGND
Digital Ground.
19
DV
DD1
Gate drive supply voltage. Supplies digital circuitry portion of the gate driver and the main
output stage for OUT-PA2, OUT-NA2, OUT-NA3, OUT-PB2, OUT-NB2, and OUT-NB3.
Should be at the same potential as AV
DD1.
20
OUT-PB2
Output P-Channel gate driver for channel B.
21
DV
DD2
Gate drive supply voltage. Supplies digital circuitry portion of the gate driver and the main
output stage for OUT-PA1, OUT-NA1, OUT-PB1, and OUT-NB1. Can be at a different po-
tential than DV
DD1.
22
OUT-PB1
Output P-Channel gate driver for channel B.
23
N/C
No connect.
24
OUT-NB1
Output N-Channel gate driver for channel B.
25
DV
DD2
Gate drive supply voltage. Supplies digital circuitry portion of the gate driver and the main
output stage for OUT-PA1, OUT-NA1, OUT-PB1, and OUT-NB1. Can be at a different po-
tential than DV
DD1.


Similar Part No. - MD1711FG-GM931

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711FG-G SUTEX-MD1711FG-G Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
More results

Similar Description - MD1711FG-GM931

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
   HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
logo
Supertex, Inc
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
   High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
   High Speed Ultrasound Beamforming Source Driver
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com