Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBF07014A24 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDBF07014A24
Description  This specification shall cover the characteristics of SAW filter HDBF07014A24
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF07014A24 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDBF07014A24 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 6Page - Shoulder Electronics Limited. HDBF07014A24 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW FILTER
HDBF07014A24
SMD-24
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 7
1. SCOPE
This specification shall cover the characteristics of SAW filter HDBF07014A24
2. ELECTRICAL SPECIFICATION
Max Incident Power in Passband
10 dBm
Max voltage between any 2 terminals
30 VDC
Storage Temperature Range
-40 to +85 ℃
Operating Temperature Range
-40 to +85 ℃
Electronic Characteristics
Parameter
Min
Typ
Max
Units
Center Frequency
69.85
70
70.15
MHz
Insertion Loss
12
12.7
dB
-1dB Bandwidth
13.3
14.2
MHz
-3dB Bandwidth
14.2
14.9
MHz
-40dB Bandwidth
18.2
19.8
MHz
Amplitude Ripple(F0 +/- 6.1MHz)
0.5
1
dB
Group Delay Ripple(F0 +/- 6.1MHz)
30
100
ns
Absolute Delay
1.09
us
Stopband Rejection
0.1~55.0MHz
55.0~60.35MHz
63.0~77.0MHz
79.65~85.0MHz
85.0~110.0MHz
50
40
40
50
55
50
1.0
45
55
3.0
dB
dB
dB
dB
dB
Input/Output Impedance
50
ohm
Material Temperature coefficient
-86
ppm/℃


Similar Part No. - HDBF07014A24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF07011A62 SHOULDER-HDBF07011A62 Datasheet
125Kb / 6P
   This specification shall cover the characteristics of SAW filter BF07011A62
HDBF07011A64 SHOULDER-HDBF07011A64 Datasheet
126Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07011A64 used for
HDBF07012A62 SHOULDER-HDBF07012A62 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter BF07012A62
HDBF07015A64 SHOULDER-HDBF07015A64 Datasheet
118Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07015A64 used for the page system.
HDBF07016A24 SHOULDER-HDBF07016A24 Datasheet
151Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07016A24 used for he page system.
More results

Similar Description - HDBF07014A24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
   This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF07004B64
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF15610A24
HDBF08018A63 SHOULDER-HDBF08018A63 Datasheet
147Kb / 8P
   This specification shall cover the characteristics of SAW filter BF08018A63
HDF135TS24 SHOULDER-HDF135TS24 Datasheet
124Kb / 6P
   This specification shall cover the characteristics of SAW filter F135T
HDBF08018A64 SHOULDER-HDBF08018A64 Datasheet
133Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF08018A64
HDBF14008C64 SHOULDER-HDBF14008C64 Datasheet
153Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14008C64
HDBF14021A24 SHOULDER-HDBF14021A24 Datasheet
127Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14021A24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com