Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD393 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MTD393
Description  Coaxial Transceiver Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD393 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTD393 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD393 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MYSON
TECHNOLOGY
MTD392
FAMILY
MTD392 Revision 2.01 02/25/1997
8/10
V
cd (min)
T
con
V
cd (max)
-1.75V
0V
-6.8V
-1.2V
T
coff
1/F
cp
T
cp
INPUT
to RXI
CD+
CD-
Figure 4. Collision Timing
TX+
TX-
TXO
CD+
CD-
T
ja
T
jr
Figure 5. Jabber Timing
25W
TXO
Transmitter
Output
39W
510W
50mH*
39W
510W
VEE
Receiver (RX )
Collision(CD )
Outputs
+
-
Figure 6. Test Loads


Similar Part No. - MTD393

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3910D3 MARKTECH-MTD3910D3 Datasheet
323Kb / 3P
   Peak Sensitivity Wavelength: 940nm
More results

Similar Description - MTD393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
   Transceiver Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com