Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8780JN Datasheet(PDF) 10 Page - Exar Corporation

Part # MP8780JN
Description  CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8780JN Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP8780JN Datasheet HTML 3Page - Exar Corporation MP8780JN Datasheet HTML 4Page - Exar Corporation MP8780JN Datasheet HTML 5Page - Exar Corporation MP8780JN Datasheet HTML 6Page - Exar Corporation MP8780JN Datasheet HTML 7Page - Exar Corporation MP8780JN Datasheet HTML 8Page - Exar Corporation MP8780JN Datasheet HTML 9Page - Exar Corporation MP8780JN Datasheet HTML 10Page - Exar Corporation MP8780JN Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
03

5HY 
$33/,&$7,21 127(6
)LJXUH  7\SLFDO &LUFXLW &RQQHFWLRQV
9
ï9
ï

7

 S)

N
03

2):
&/.
1RWH 
'%  '%
2(
7R
'LJLWDO
6\VWHP
$*1'
'*1'
53
5
5
&

P)
&

P)
5
N
5
N
53

:
5W
/LQH 7HUPLQDWLRQ 5HVLVWRU
7
1
 5
2(
03
$9''
'9''
&
&
&
&
&&
&&
5W
9,1
95() 
95() ï
9'3
&
&
&
952
&
&
&
5W
7KH IROORZLQJ LQIRUPDWLRQ ZLOO EH XVHIXO LQ PD[LPL]LQJ WKH SHU
IRUPDQFH RI WKH 03
 1R VLJQDOV VKRXOG H[FHHG 9''  9 RU *1' ï 9
 $Q\ LQSXW SLQ ZKLFK FDQ VHH D VLJQDO EHORZ *1' RU DERYH
9'' VKRXOG EH SURWHFWHG E\ GLRGH FODPSV 1 RU
+3 IURP LQSXW SLQ WR WKH VXSSOLHV $OO 03 LQ
SXWV KDYH LQSXW SURWHFWLRQ GLRGHV ZKLFK ZLOO SURWHFW WKH GH
YLFH IURP VKRUW WUDQVLHQWV RXWVLGH WKH VXSSO\ UDQJH
 7KH GHVLJQ RI D 3& ERDUG ZLOO DIIHFW WKH DFFXUDF\ RI 03
8VH RI ZLUH ZUDS LV QRW UHFRPPHQGHG
 7KH DQDORJ LQSXW VLJQDO 9,1 LV TXLWH VHQVLWLYH DQG VKRXOG EH
SURSHUO\ URXWHG DQG WHUPLQDWHG ,W VKRXOG EH VKLHOGHG IURP
WKH FORFN DQG GLJLWDO RXWSXWV VR DV WR PLQLPL]H FURVV FRXSOLQJ
DQG QRLVH SLFNXS
 7KH DQDORJ LQSXW VKRXOG EH GULYHQ E\ D ORZ LPSHGDQFH OHVV
WKDQ 
: 
 $QDORJ DQG GLJLWDO JURXQG SODQHV VKRXOG EH VXEVWDQWLDO DQG
FRPPRQ DW RQH SRLQW RQO\ 7KH JURXQG SODQH VKRXOG DFW DV D
VKLHOG IRU SDUDVLWLFV DQG QRW D UHWXUQ SDWK IRU VLJQDOV 6HSD
UDWH ORZ LPSHGDQFH JURXQG SDWKV ZLOO UHGXFH QRLVH OHYHOV
 '9'' VKRXOG QRW EH VKDUHG ZLWK RWKHU GLJLWDO FLUFXLWU\ WR
DYRLG FRQYHUVLRQ HUURUV FDXVHG E\ GLJLWDO VXSSO\ WUDQVLHQWV
,Q FDVH D VHSDUDWH '9'' IRU WKH 03 FDQQRW EH SUR
YLGHG WKHQ '9'' VKRXOG EH FRQQHFWHG WR $9'' QH[W WR WKH
03
 (DFK SRZHU VXSSO\ DQG UHIHUHQFH YROWDJH SLQ VKRXOG EH
GHFRXSOHG ZLWK D FHUDPLF 
P) DQG D WDQWDOXP P) FD
SDFLWRU DV FORVH WR WKH GHYLFH DV SRVVLEOH
 7KH GLJLWDO RXWSXW VKRXOG QRW EH GULYLQJ ORQJ ZLUHV DV WKH FD
SDFLWLYH FRXSOLQJ DQG UHIOHFWLRQ ZLOO FRQWULEXWH QRLVH WR WKH
FRQYHUVLRQ :KHQ GULYLQJ GLVWDQW ORDGV EXIIHUV VKRXOG EH
XVHG


Similar Part No. - MP8780JN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
   CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP8785 EXAR-MP8785 Datasheet
811Kb / 10P
   CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
MP8786 EXAR-MP8786 Datasheet
811Kb / 10P
   CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
MP8786AN EXAR-MP8786AN Datasheet
811Kb / 10P
   CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
MP8786AQ EXAR-MP8786AQ Datasheet
811Kb / 10P
   CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
More results

Similar Description - MP8780JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
logo
Analog Devices
MATV-0811 AD-MATV-0811_15 Datasheet
1Mb / 4P
   a-Bit Video Analog to DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com