Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375B12T300BL2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V375B12T300BL2
Description  DC-DC Converter Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B12T300BL2 Datasheet(HTML) 5 Page - Vicor Corporation

  V375B12T300BL2 Datasheet HTML 1Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 2Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 3Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 4Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 5Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 6Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 7Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 8Page - Vicor Corporation V375B12T300BL2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
375 V Mini Family
Rev 9.5
vicorpower.com
Page 5 of 14
01/2016
800 927.9474
375 V Input
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B5C150BL (enhanced efficiency)
83.0
85.0
%
Nominal input; full load; 25°C
V375B5C150BL (standard efficiency)
82
83.4
Ripple and noise
169
211
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.5
6.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30
Amps
Current limit
30.6
34.5
40.5
Amps
Output voltage 95% of nominal
Short circuit current
21
34.5
40.5
Amps
Output voltage <250 mV
5 Vout, 150 W (e.g. S375B5C150BL, V375B5C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B12C200BL (enhanced efficiency)
85.2
86.7
%
Nominal input; full load; 25°C
V375B12C200BL (standard efficiency)
84.5
85.8
Ripple and noise
258
323
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
8.5
10
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
16.67
Amps
Current limit
17
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage <250 mV
12 Vout, 200 W (e.g. S375B12C200BL , V375B12C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B12C300BL (enhanced efficiency)
86.0
89.0
%
Nominal input; full load; 25°C
V375B12C300BL (standard efficiency)
85.5
86.7
Ripple and noise
280
360
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
6
9
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
35
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
35
Amps
Output voltage <250 mV
12 Vout, 300 W (e.g. S375B12C300BL, V375B12C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B8C200BL (enhanced efficiency)
84.0
87.0
%
Nominal input; full load; 25°C
V375B8C200BL (standard efficiency)
83
84.2
Ripple and noise
320
400
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
6
6.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250 mV
8 Vout, 200 W (e.g. S375B8C200BL, V375B8C200BL)


Similar Part No. - V375B12T300BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
More results

Similar Description - V375B12T300BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com