Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSL306N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSL306N
Description  OptiMOS?? Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL306N Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSL306N_13 Datasheet HTML 1Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 2Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 3Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 4Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 5Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 6Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 7Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 8Page - Infineon Technologies AG BSL306N_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSL306N
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 W
V GS=f(Q gate); I D=2.3 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=250 µA
25
26
27
28
29
30
31
32
33
34
35
36
-60
-20
20
60
100
140
T
j [°C]
6 V
15 V
24 V
0
1
2
3
4
5
6
7
8
0
1
2
3
Q
gate [nC]
25 °C
100 °C
125 °C
100
101
102
103
10-1
100
101
t
AV [µs]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
Rev 2.4
page 7
2013-11-06


Similar Part No. - BSL306N_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL306N INFINEON-BSL306N Datasheet
204Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-29
BSL306N INFINEON-BSL306N Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
More results

Similar Description - BSL306N_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL806N INFINEON-BSL806N Datasheet
241Kb / 9P
   OptiMOS?? Small-Signal-Transistor
2010-03-29
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
BSS214N ZPSEMI-BSS214N Datasheet
212Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com