Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3741-01-LGIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3741-01-LGIZ
Description  21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3741-01-LGIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3741-01-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 13Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 14Page - Vicor Corporation PI3741-01-LGIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.1
vicorpower.com
Page 11 of 38
08/2016
800 927.9474
PI3741-0x
PI3741-01-LGIZ Electrical Characteristics
Specifications apply for the conditions -40°C < TJ < 115°C, VIN = 48V, VOUT = 48V, LEXT = 900nH[4], external CIN = 5 x 2.2µF, external COUT = 8 x 2.2µF,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
21
48
60
V
Input Current During Output Short
(fault condition duty cycle)
IIN_SHORT
[5]
1.9
mA
Input Quiescent Current
IQ_VIN
Enabled (no load)
5
mA
Input Quiescent Current
IQ_VIN
Disabled
1.5
mA
Input Voltage Slew Rate
VIN_SR
[5]
1
V / µs
Internal Input Capacitance
CIN
25°C, VIN = 48V
0.5
µF
VIN UVLO threshold rising
VIN_UVLO_START
19.2
V
VIN UVLO hysteresis
VIN_UVLO_HYS
0.7
V
VIN OVLO threshold rising
VIN_OVLO_START
61
64.5
68
V
VIN OVLO hysteresis
VIN_OVLO_HYS
1.3
V
Output Specifications
EAIN Voltage Total Regulation
VOUT_DC
1.667
1.7
1.734
V
Output Voltage Range
VOUT_DC
36
48
54
V
Output Current Range
IOUT_DCR
[6]
0
max
A
Output Current Steady State
IOUT_DC
VIN = 21 – 48V, VOUT ≤ 48V, TCASE = 25°C[6]
2.09
A
VIN = 48 – 60V, VOUT ≤ 48V, TCASE = 25°C[6]
3.13
Output Power Steady State
POUT_DC
VIN = 21 – 48V, VOUT = 48 – 54V, TCASE = 25°C[6]
100
W
VIN = 48 – 60V, VOUT = 48 – 54V, TCASE = 25°C[6]
150
Line Regulation
∆VOUT(∆VIN)
@ 25°C, 21V <VIN <60V
0.10
%
Load Regulation
∆VOUT(∆IOUT)
@ 25°C, IOUT above 5% of the typical full load
0.10
%
Output Ripple
VOUT_AC
IOUT = 4.2A, VIN = 48V, VOUT = 48V, TCASE = 25°C
COUT_EX = 8 x 2.2µF, 100V, X7R, 20MHz BW
320
mVp-p
Internal Output Capacitance
COUT
25°C, VOUT = 48V
0.5
µF
VOUT Over Voltage Threshold
VOUT_OVT
Rising VOUT threshold to detect open loop
60
63.1
60.9
V
VOUT Over Voltage Hysteresis
VOUT_OVH
1.3
V
VDR
VDR Supply Voltage
VDR
Generated Internally
4.9
5.1
5.36
V
Current Sense Amplifier (Dedicated to monitor Input or Output Current)
ISP Pin Bias Current (Sink)
VOUT = 10V, Flows to SGND
90
150
260
µA
ISN Pin Bias Current
VOUT = 10V
0
µA
Common Mode Input Range
8
60
V
IMON Source Current
1
1.8
3
mA
IMON Sink Current
1
1.6
2.6
mA
IMON Output At No Load
0
10
mV
Full Scale Error
40mV input
-4
4
%
Bandwidth
[5]
40
kHz
Settling Time For Full Scale Step
1%
20
µs
Gain
AV_CS
20
V / V


Similar Part No. - PI3741-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3741-01-LGIZ VICOR-PI3741-01-LGIZ Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
More results

Similar Description - PI3741-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
   21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3755-01 VICOR-PI3755-01 Datasheet
116Kb / 3P
   38V to 60VIN, 160W Cool-Power ZVS Buck-Boost Regulator
PI3753-00 VICOR-PI3753-00 Datasheet
149Kb / 3P
   38 ??60VIN, 360W Cool-Power ZVS Buck-Boost Regulator
PI3751-00 VICOR-PI3751-00 Datasheet
147Kb / 3P
   38 ??60VIN, 200W Cool-Power ZVS Buck-Boost Regulator
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
   30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
   30 ??60VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
   30 ??60VIN Cool-Power ZVS Buck Regulator
PI354X-00 VICOR-PI354X-00 Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
PI3740-00 VICOR-PI3740-00_18 Datasheet
2Mb / 51P
   8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PI3756-00 VICOR-PI3756-00 Datasheet
119Kb / 3P
   38V to 60VIN, 28V to 60VOUT, 200W Cool-Power ZVS Buck-Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com