Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP028F036M12AL Datasheet(PDF) 6 Page - Vicor Corporation

Part # MP028F036M12AL
Description  Non-isolated Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MP028F036M12AL Datasheet(HTML) 6 Page - Vicor Corporation

Back Button MP028F036M12AL Datasheet HTML 2Page - Vicor Corporation MP028F036M12AL Datasheet HTML 3Page - Vicor Corporation MP028F036M12AL Datasheet HTML 4Page - Vicor Corporation MP028F036M12AL Datasheet HTML 5Page - Vicor Corporation MP028F036M12AL Datasheet HTML 6Page - Vicor Corporation MP028F036M12AL Datasheet HTML 7Page - Vicor Corporation MP028F036M12AL Datasheet HTML 8Page - Vicor Corporation MP028F036M12AL Datasheet HTML 9Page - Vicor Corporation MP028F036M12AL Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRMRegulator 28 Vdc Input
Rev 3.8
vicorpower.com
Page 6 of 14
08/2015
800 927.9474
MP028F036M12AL
Figure 11 — Transient response; PRM module alone 28 VIN, 0 – 3.3– 0 A,
no load capacitance, local loop
Figure 13 — Transient response; PRM alone 50 Vin, 0 – 3.3 – 0 A,
no load capacitance, local loop
Figure 12 — Transient response; PRM module alone 16 VIN, 0 – 3.3 – 0 A,
no load capacitance, local loop
Figure 14 — PC during fault – frequency will vary as a function of line voltage.
Figure 16 — Output ripple 36 VOUT, full load 10 µF bypass capacitance
Figure 15 — Output ripple 36 VOUT, full load no bypass capacitance
Electrical Specifications (continued)


Similar Part No. - MP028F036M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   Regulator 28 Vdc Input
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL VICOR-MP028F036M12AL_1 Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
More results

Similar Description - MP028F036M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_15 Datasheet
2Mb / 14P
   Non-isolated Regulator
P036F048T12AL VICOR-P036F048T12AL_15 Datasheet
1Mb / 14P
   Non-isolated Regulator
logo
CUI INC
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com