Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050E120T40P3-00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # IB050E120T40P3-00
Description  4:1 Intermediate Bus Converter Module: Up to 500W Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T40P3-00 Datasheet(HTML) 2 Page - Vicor Corporation

  IB050E120T40P3-00 Datasheet HTML 1Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 2Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 3Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 4Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 5Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 6Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 7Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 8Page - Vicor Corporation IB050E120T40P3-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IBC Module
Rev 1.1
vicorpower.com
Page 2 of 17
09/2016
800 927.9474
IB0xxE120T40xx-xx
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input voltage (+IN to –IN)
See Input Range Specific Characteristics for details
-0.5
75
VDC
Input voltage slew rate
5
V / µs
EN to –IN
-0.5
20
VDC
Output voltage (+OUT to –OUT)
See OVP setpoint max
-0.5
(see note)
VDC
Output current
POUT ≤ 500W
40
A
Dielectric withstand (input to output) 1min
2250
1500 for IB048x
VDC
Temperature
Operating junction
Hottest semiconductor
-40
125
ºC
Storage
-55
125
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Input Range Specific Characteristics
Part Number IB048E120T40xx-xx
Operating input voltage
38
48
55
VDC
Non-operating input surge withstand
< 100ms
75
VDC
Operating input dV / dt
0.003
5
V / µs
Undervoltage protection
Turn–on
33
38
VDC
Turn–off
31
36
VDC
Turn–on / turn–off hysteresis
2
VDC
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn–off
60
64
VDC
Turn–on
55
64
VDC
Time constant
4
µs
Peak short circuit input current
30
A
DC output voltage band
No load, over VIN range
9.5
12.0
13.75
VDC
Output OVP set point
Module will shut down
15
16
VDC
Dielctric withstand
Input to output; 1min
1500
VDC
Insulation resistance
Input to output
30
Electrical Specifications
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.


Similar Part No. - IB050E120T40P3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T40P300 VICOR-IB050E120T40P300 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results

Similar Description - IB050E120T40P3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T32XX-XX VICOR-IB0XE120T32XX-XX Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
IB0XXQ120T53XX-XX VICOR-IB0XXQ120T53XX-XX Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com