Electronic Components Datasheet Search |
|
IB054E120T40N3-00 Datasheet(PDF) 3 Page - Vicor Corporation |
|
IB054E120T40N3-00 Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 17 page IBC Module Rev 1.1 vicorpower.com Page 3 of 17 09/2016 800 927.9474 IB0xxE120T40xx-xx Electrical Specifications (Cont.) Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated. Attribute Symbol Conditions / Notes Min Typ Max Unit Input Range Specific Characteristics Part Number IB050E120T40xx-xx Operating input voltage 36 48 60 VDC Non-operating input surge withstand < 100ms 75 VDC Operating input dV / dt 0.003 5 V / µs Undervoltage protection Turn–on 31 36 VDC Turn–off 29 34 VDC Turn–on / turn–off hysteresis 2 VDC Time constant 7 µs Undervoltage blanking time UV blanking time is enabled after start up 50 100 200 µs Overvoltage protection Turn–off 65 69 VDC Turn–on 60 69 VDC Time constant 4 µs Peak short circuit input current 40 A DC output voltage band No load, over VIN range 9 12 15 VDC Output OVP set point Module will shut down 16.2 17.2 VDC Dielctric withstand Input to output; 1min 2250 VDC Insulation resistance Input to output 30 MΩ |
Similar Part No. - IB054E120T40N3-00 |
|
Similar Description - IB054E120T40N3-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |