Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM380P475T1K2A31 Datasheet(PDF) 5 Page - Vicor Corporation

Part # BCM380P475T1K2A31
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM380P475T1K2A31 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM380P475T1K2A31 Datasheet HTML 1Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 2Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 3Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 4Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 5Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 6Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 7Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 8Page - Vicor Corporation BCM380P475T1K2A31 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 5 of 23
05/2015
800 927.9474
BCM380y475x1K2A31
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain
Input voltage range, continuous
VIN_DC
260
410
V
Input voltage range, transient
VIN_TRANS
Full current or power supported, 50 ms max,
260
410
V
10% duty cycle max
VIN µController Active
VµC_ACTIVE
VIN voltage where µC is initialized,
120
V
(ie VAUX = Low, powertrain inactive)
Quiescent current
IQ
Disabled, EN Low, VIN = 380 V
2
mA
TINTERNAL ≤ 100ºC
4
No load power dissipation
PNL
VIN = 380 V, TINTERNAL = 25ºC
9.8
12
W
VIN = 380 V
5.9
16
VIN = 260 V to 410 V, TINTERNAL = 25ºC
15
VIN = 260 V to 410 V
20
Inrush current peak
IINR_P
VIN = 410 V, COUT = 100 µF,
4
RLOAD = 25% of full load current
A
TINTERNAL ≤ 100ºC
10
DC input current
IIN_DC
At POUT= 1200 W, TINTERNAL ≤ 100ºC
3.5
A
Transformation ratio
K
K = VOUT/VIN, at no load
1/8
V/ V
Output power (continuous)
POUT_DC
1200
W
Output power (pulsed)
POUT_PULSE
10 ms pulse, 25% Duty cycle, PTOTAL = 50% rated POUT_DC
1500
W
Output current (continuous)
IOUT_DC
25.7
A
Output current (pulsed)
IOUT_PULSE
10 ms pulse, 25% Duty cycle, ITOTAL = 50% rated IOUT_DC
32.2
A
VIN = 380 V, IOUT = 25.7 A
97.1
97.6
Efficiency (ambient)
hAMB
VIN = 260 V to 410 V, IOUT = 25.7 A
96.4
%
VIN = 380 V, IOUT = 12.85 A
97.2
97.7
Efficiency (hot)
hHOT
VIN = 380 V, IOUT = 25.7 A, TINTERNAL = 100°C
96.5
97
%
Efficiency (over load range)
h
20%
5.14 A < IOUT < 25.7 A, TINTERNAL ≤ 100ºC
92
%
ROUT_COLD
VIN = 380 V, IOUT = 25.7 A, TINTERNAL = -40°C
13
16.7
23
Output resistance
ROUT_AMB
VIN = 380 V, IOUT = 25.7 A
21
24.2
31
m
Ω
ROUT_HOT
VIN = 380 V, IOUT = 25.7 A, TINTERNAL = 100°C
30
35
40
Switching frequency
FSW
Frequency of the Output Voltage Ripple = 2x FSW
1.12
1.18
1.23
MHz
COUT = 0 F, IOUT = 25.7 A, VIN = 380 V,
195
Output voltage ripple
VOUT_PP
20 MHz BW
mV
TINTERNAL ≤ 100ºC
300
Input inductance (parasitic)
LIN_PAR
Frequency 2.5 MHz (double switching frequency),
6.7
nH
Simulated lead model
Output inductance (parasitic)
LOUT_PAR
Frequency 2.5 MHz (double switching frequency),
1.3
nH
Simulated lead model
Input Series inductance (internal)
LIN_INT
Reduces the need for input decoupling
1.2
µH
inductance in BCM arrays
Effective Input capacitance (internal)
CIN_INT
Effective value at 380 VIN
0.37
µF


Similar Part No. - BCM380P475T1K2A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM380P475T1K2A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com