Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD206-B1-02EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ESD206-B1-02EL
Description  Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD206-B1-02EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ESD206-B1-02EL Datasheet HTML 3Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 4Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 5Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 10Page - Infineon Technologies AG ESD206-B1-02EL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ESD206-B1-02 Series
Typical Characteristics at TA = 25 °C, unless otherwise specified
Final Data Sheet
7
Revision 1.5, 2013-12-19
Figure 3-3 Clamping voltage (TLP): ITLP = f(VTLP) according ANSI/ESD STM5.5.1 - Electrostatic Discharge
Sensitivity Testing using Transmission Line Pulse (TLP) Model. TLP conditions: Z0 =50 Ω,
tp =100 ns, tr =0.6 ns, ITLP and VTLP averaging window: t1 =ns to t2 = 60 ns, extraction of
dynamic resistance using squares fit to TLP characteristics between ITLP1 = 10 A and
ITLP2 = 40 A. Please refer to Application Note AN210 [1]
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-20
-15
-10
-5
0
5
10
15
20
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
VTLP [V]
ESD206-B1-02ELS
RDYN
RDYN = 0.13 Ω
RDYN = 0.16 Ω


Similar Part No. - ESD206-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD206-B1-02ELS LEIDITECH-ESD206-B1-02ELS Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - ESD206-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD207-B1-02 INFINEON-ESD207-B1-02 Datasheet
1Mb / 16P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
   Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
   Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
   Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Infineon Technologies A...
ESD203-B1-02ELS INFINEON-ESD203-B1-02ELS Datasheet
842Kb / 14P
   Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
ESD5V3U2U-03F INFINEON-ESD5V3U2U-03F_13 Datasheet
1Mb / 18P
   Uni-directional Ultra Low ESD / Transient Protection Diode
Revision 1.3, 2013-08-16
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
   Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
ESD201-B2-03LRH INFINEON-ESD201-B2-03LRH Datasheet
1Mb / 12P
   Bi-directional Dual Diode for ESD/Transient Protection
Revision 1.1, 2012-09-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com