Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ220A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 3.0SMCJ220A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

3.0SMCJ220A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  3.0SMCJ220A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.04 20
Test
Current
Max.
Reverse
Stand-off
Voltage
VRWM
Min.
Max.
UNI
BI
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
3000W Transient Voltage Suppresor
Part Number
Breakdown Voltage
Reverse Leakage
Voltage
Clamp
Peak
Current
Pulse
Package
SMC/DO-214AB
Device Marking Code
VBR @ IT
IT
IR@VRWM
Vc@ Ipp
Ipp
150105
1000
1000
1000
1000
500
500
200
200
100
100
50
50
25
25
10
10
2000
2000
2000
2000
1000
1000
400
400
200
200
100
100
50
50
20
20
3.0SMCJ -A Series


Similar Part No. - 3.0SMCJ220A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ220A WTE-3.0SMCJ220A Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220A PANJIT-3.0SMCJ220A Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ220A EIC-3.0SMCJ220A Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220A PANJIT-3.0SMCJ220A Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shenzhen Taychipst Elec...
3.0SMCJ220A TAYCHIPST-3.0SMCJ220A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ220A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com