Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ220A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 3.0SMCJ220A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

3.0SMCJ220A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  3.0SMCJ220A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 3.0SMCJ220A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
SEMICONDUCTOR
3.0SMCJ -A Series
FEATURES
For surface mounted applications in order to optimize board space.
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
High temperature soldering : 260°C /10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: JEDEC DO-214AB,Molded plastic over passivated junction.
Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode)
Standard Packaging:16mm tape (EIA-481)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ440A.
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.128(3.25)
.108(2.75)
.012(.305)
.006(.152)
.008(.203)
.002(.051)
.060(1.52)
.030(0.76)
SMC/DO-214AB
Unit:inch(mm)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.320(8.13)
.305(7.75)
http://www.yeashin.com
1
REV.04 20
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE 5.0 to 440 Volts 3000 Watt Peak Power Pulse
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1)
Ppp
3000
Watts
I
200
Amps
Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3)
See Table 1
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2.
2. Mounted on 5.0 mm (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Peak Forward Surge Current, 8.3ms single half sine - wave
uni- directional only (JEDEC method) (Notes 2,3)
2
FSM
IPP
Quantify Per Reel : 3000 pcs
150105
AEC-Q 101 qualified
Base P/N - RoHS compliant, commercial grade
Base P/N-A - RoHS compliant, AEC-Q101 qualified
H
.116(2.95)
.079(2.00)


Similar Part No. - 3.0SMCJ220A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ220A WTE-3.0SMCJ220A Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220A PANJIT-3.0SMCJ220A Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ220A EIC-3.0SMCJ220A Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220A PANJIT-3.0SMCJ220A Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shenzhen Taychipst Elec...
3.0SMCJ220A TAYCHIPST-3.0SMCJ220A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ220A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com