Electronic Components Datasheet Search |
|
3.0SMCJ180 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
3.0SMCJ180 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 5 page DATA SHEET SEMICONDUCTOR 3.0SMCJ -A Series FEATURES For surface mounted applications in order to optimize board space. Low profile package Built-in strain relief Glass passivated junction Low inductance Plastic package has Underwriters Laboratory Flammability Classification 94V-O High temperature soldering : 260°C /10 seconds at terminals Pb free product at available : 99% Sn above meet RoHS environment substance directive request MECHANICAL DATA Case: JEDEC DO-214AB,Molded plastic over passivated junction. Terminals: Solder plated,solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Standard Packaging:16mm tape (EIA-481) DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ440A. Electrical characteristics apply in both directions. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. .128(3.25) .108(2.75) .012(.305) .006(.152) .008(.203) .002(.051) .060(1.52) .030(0.76) SMC/DO-214AB Unit:inch(mm) .245(6.22) .220(5.59) .280(7.11) .260(6.60) .320(8.13) .305(7.75) http://www.yeashin.com 1 REV.04 20 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5.0 to 440 Volts 3000 Watt Peak Power Pulse RATING SYMBOL VALUE UNITS Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1) Ppp 3000 Watts I 200 Amps Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3) See Table 1 Amps Operating and Storage Temperature Range TJ, TSTG -55 ~ +150 °C NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2. 2. Mounted on 5.0 mm (0.13mm thick) land areas. 3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. Peak Forward Surge Current, 8.3ms single half sine - wave uni- directional only (JEDEC method) (Notes 2,3) 2 FSM IPP Quantify Per Reel : 3000 pcs 150105 AEC-Q 101 qualified Base P/N - RoHS compliant, commercial grade Base P/N-A - RoHS compliant, AEC-Q101 qualified H .116(2.95) .079(2.00) |
Similar Part No. - 3.0SMCJ180 |
|
Similar Description - 3.0SMCJ180 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |