Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3544KI-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APA3544KI-TR
Description  Class AB Stereo Headphone Driver with Mute
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3544KI-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APA3544KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 10Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 11Page - Anpec Electronics Coropration APA3544KI-TR Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.1 -Apr., 2003
APA3541/4
www.anpec.com.tw
8
Application Note
Input Capacitor , Ci
In the typical application an input capacitor , Ci , is
required to allow the amplifier to bias the input signal
to the proper DC level for optimum operation . In this
case , the external capacitor Ci and the internal re-
sistance Ri form a high-pass filter with the corner fre-
quency determined in the follow equation:
fc (highpass)= 1/ (2
πRiCi)
(1)
The value of Ci is important to consider as it directly
affects the low frequency performance of the circuit.
Consider the APA3541 where Ri is 180k
Ω and
APA3544 is 90k
Ω internal fixed . Equation is
reconfigured as follow:
Ci= 1/(2
π*180kΩ*fc) for APA3541
Ci= 1/(2
π*90kΩ*fc) for APA3544
(2)
And the ceramic capacitor is recommanded.
Bias Capacitor , Cb
As with any power amplifier , proper supply bypass-
ing is critical for low noise performance and high
power supply rejection . The capacitor location on
both the bypass and power supply pins should be as
close to the device as possible . The effect of a larger
half supply bias capacitor is improved PSRR due to
increased half-supply stability . Typical applications
employ a 5V regulator with 10
µF and a 0 . 1µF bias
capacitors which aid in supply filtering .
This does not eliminate the need for bypassing the
supply nodes of the APA3541/4 . The selection of
bias capacitors , especially Cb , is thus dependent
upon desired PSRR requirements , click and pop per-
formance . The capacitor is fed from a 95k
Ω source
inside the amplifier . To keep the start-up pop as low
as possible , the relationship shown in equation should
be maintained .
1/(Cb*95k
Ω)≤ 1/{Ci*Ri}
(3)
As an example , consider a circuit where Cb is
4.
7µF, Ci is 1µF and APA3541 Ri is 180kΩ . Inserting
these values into the equation we get 2.24
≤ 5.55
which satisfies the rule . Bias capacitor , Cb , values
of 2.2
µF to 10µF ceramic or tantalum low-ESR ca-
pacitors are recommended for the best THD and
noise performance .
Output Coupling Capacitor, Cc
In the typical single-supply SE configuration , an out-
put coupling capacitor (Cc) is required to block the
DC bias at the output of the amplifier thus preventing
DC currents in the load . As with the input coupling
capacitor , the output coupling capacitor and imped-
ance of the load form a high-pass filter governed by
equation .
fc(highpass)= 1/(2
πR
LCc)
(4)
For example , a 220
µF capacitor with an 32Ω speaker
would attenuate low frequencies below 22Hz . The
main disadvantage , from a performance standpoint
, is the load impedance is typically small , which drives
the low-frequency corner higher degrading the bass
response . Large values of Cc are required to pass
low frequencies into the load .
Optimizing Depop Circuitry
When the amplifier is in mute mode , both of the out-
put stage and input bypass continues to be biased .
And no pop noise will be heard during the transition
out of mute mode .
Power Supply Decoupling, Cs
APA3541/4 is a high-performance CMOS audio am-
plifier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD)
is as low as possible . Power supply decoupling also
prevents the oscillations causing by long lead length
between the amplifier and the speaker . The optimum
decoupling is achieved by using two different type
capacitors that target on different type of noise on
the power supply leads . For higher frequency tran-
sients , spikes , or digital hash on the line , a good
low equivalent-series-resistance (ESR) ceramic
capacitor, typically 0.1
µF placed as close as possible
to the device V
DD
lead works best . For filtering lower-
frequency noise signals , a large aluminum electro-
lytic capacitor of 10
µF or greater placed near the audio
power amplifier is recommended .


Similar Part No. - APA3544KI-TR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3544KI-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com