Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMFJ85 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # P4SMFJ85
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4SMFJ85 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  P4SMFJ85 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4SMFJ85 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4SMFJ85 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4SMFJ85 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DEVICE CHARACTERISTICS
100
10
1.0
0.1
0.1US
1.0ms
10ms
td
SEC
,PULSE WIDTH,
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0US
10US
100US
TA
, AMBIENT TEMPERATUER, C
V(
), BREAKDOWN VOLTAGE, VOLTS
BR
t, TIME,ms
01.0
2.0
3.0
4.0
0
50
100
150
TA=25 C
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
tf=10 u sec
Peak Value
Ippm
td
T , LEAD TEMPERATURE, C
L
1.0
2.0
5.0
10
20
50 100
200
Measured at
Zero Bias
Measured at
Stand- Off
Voltahe(V
)
MW
Tj=25 C
f=1.0MHZ
Vsig=50mVp-p
50
40
30
20
10
2
4
10
20
40
100
0
1
10,000
1,000
100
10
Non-Repetitve
Pulse Wavefom
Shown in Flgure3
TA=25 C
Fig.3 PULSE WAVE FORM
Fig.1 PEAK PULSE POWER RATING CURVE
Fig.2 DERATING CURVE
Fig.4 TYPICAL CAPACITANCE
Fig.5 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
http://www.yeashin.com
4
REV.03 20150105
P4SMFJ -A Series


Similar Part No. - P4SMFJ85

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
P4SMFJ85 YEASHIN-P4SMFJ85 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ85 YEASHIN-P4SMFJ85 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DIYI Electronic Technol...
P4SMFJ85 DYELEC-P4SMFJ85 Datasheet
2Mb / 4P
   For surface mounted applications in order to optimize board space
logo
Yea Shin Technology Co....
P4SMFJ85A YEASHIN-P4SMFJ85A Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ85A YEASHIN-P4SMFJ85A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMFJ85

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com