Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMFJ78A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # P4SMFJ78A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4SMFJ78A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  P4SMFJ78A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4SMFJ78A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4SMFJ78A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4SMFJ78A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
P4SMFJ Series
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE 5.0 to 188 Volts 400 Watt Peak Power Pulse
FEATURES
•For surface mounted applications in order to optimize board space.
•Low profile package
•Built-in strain relief
•Glass passivated junction
•Excellent clamping capability
•Low inductance
•Fast response time: typically less than 1.0 ps from 0 volts to BV min
•Typical IR less than 1µA above 10V
•High temperature soldering : 250°C/10 seconds at terminals.
•Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case: JEDEC DO-214AC low profile molded plastic
•Terminals: Solder leads, solderable per MIL-STD-750, Method 2026
•Polarity: Indicated by cathode band except Bi-directional types.
•Standard Packageing: 12mm tape per(EIA-481)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
0.195(0.90)TYPICAL
0.189(4.80)
0.173(4.40)
0.141(3.60)
0.052(1.30)
0.126(3.20)
0.043(1.10)
SMF
Unit:inch(mm)
MSL:Level 1
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1)
Ppp
400
Watts
I
40
Amps
Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3)
See Table 1
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2.
2. Mounted on 5.0 mm (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Peak Forward Surge Current, 8.3ms single half sine - wave
uni- directional only (JEDEC method) (Notes 2,3)
2
FSM
IPP
Quantify Per Reel : 7500 pcs
http://www.yeashin.com
1
REV.03 20150105


Similar Part No. - P4SMFJ78A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
P4SMFJ78A YEASHIN-P4SMFJ78A Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ78A YEASHIN-P4SMFJ78A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DIYI Electronic Technol...
P4SMFJ78A DYELEC-P4SMFJ78A Datasheet
2Mb / 4P
   For surface mounted applications in order to optimize board space
More results

Similar Description - P4SMFJ78A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com