Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM9435 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9435
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9435 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9435 Datasheet HTML 1Page - Anpec Electronics Coropration APM9435 Datasheet HTML 2Page - Anpec Electronics Coropration APM9435 Datasheet HTML 3Page - Anpec Electronics Coropration APM9435 Datasheet HTML 4Page - Anpec Electronics Coropration APM9435 Datasheet HTML 5Page - Anpec Electronics Coropration APM9435 Datasheet HTML 6Page - Anpec Electronics Coropration APM9435 Datasheet HTML 7Page - Anpec Electronics Coropration APM9435 Datasheet HTML 8Page - Anpec Electronics Coropration APM9435 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Mar., 2003
APM9435
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Features
Applications
Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
SO
− 8
-30V/-4.6A, R
DS(ON) = 52mΩ(typ.) @ VGS = -10V
R
DS(ON) = 80mΩ(typ.) @ VGS = -4.5V
••••• Super High Density Cell Design
••••• Reliable and Rugged
••••• SO-8 Package
Symbol
Parameter
Rating
Unit
V
DSS
Drain-Source Voltage
-30
V
GSS
Gate-Source Voltage
±25
V
I
D
Maximum Drain Current – Continuous
T
A = 25°C
-4.6
I
DM
Maximum Drain Current – Pulsed
-20
A
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
1
2
3
45
6
7
8
S
S
S
GD
D
D
D
P-Channel MOSFET
G
D
S
S
S
DD D
A P M 943 5
H andling C ode
Te m p . R a n g e
P a ck a ge C ode
P a ck age C ode
K : S O -8
O p eration Junction T e m p . R a nge
C : -55 to 150° C
H andling C ode
T U : T u b e
T R : T a p e & R e e l
A P M 9435
A P M 9435
XXX XX
XXX XX - D a te Co d e


Similar Part No. - APM9435

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9435K ANPEC-APM9435K Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
APM9435K KEXIN-APM9435K Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Anpec Electronics Corop...
APM9435KC-TR ANPEC-APM9435KC-TR Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM9435KC-TRL ANPEC-APM9435KC-TRL Datasheet
117Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM9435KC-TRL VBSEMI-APM9435KC-TRL Datasheet
961Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM9435

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com