Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE56 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 1.5KE56
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1.5KE56 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1.5KE56 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1.5KE56 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1.5KE56 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1.5KE56 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
1.5KE Series
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
1500 Watt Peak Power VOLTAGE
6.8 to 540 Volts 5.0 Watt Steady State
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated chip junction in DO-201AE package
1500W surge capability at 1.0ms
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0 ps from 0 volts to BV min
Typical IR less than 1µA above 10V
High temperature soldering guaranteed: 260°C/10 seconds/.375"
,(9.5mm) lead length/5lbs., (2.3kg) tension
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: JEDEC DO-201AE molded plastic
Terminals: Axial leads, solderable per MIL-STD-202, Method 208
Polarity: Color band denoted cathode except Bipolar
Mounting Position: Any
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE540A.
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.375 (9.5)
.
285 (7.2)
.2
10 (5.3)
.1
88 (4.8)
.0
42 (1.07)
.0
37 (.94)
DIA.
DIA.
DO-201A
E
Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1)
Ppp
1500
Watts
I
200
Amps
Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3)
See Table 1
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2.
2. Mounted on 5.0 mm (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Peak Forward Surge Current, 8.3ms single half sine - wave
uni- directional only (JEDEC method) (Notes 2,3)
2
FSM
IPP
http://www.yeashin.com
1
REV.03 20150105


Similar Part No. - 1.5KE56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE56 PANJIT-1.5KE56 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE56 TRSYS-1.5KE56 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
1.5KE56 ANOVA-1.5KE56 Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Digitron Semiconductors
1.5KE56 DIGITRON-1.5KE56 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Won-Top Electronics
1.5KE56 WTE-1.5KE56 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE56

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com