Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR745N8-G-P003 Datasheet(PDF) 5 Page - Microchip Technology

Part # LR745N8-G-P003
Description  High-Input Voltage SMPS Start-up
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745N8-G-P003 Datasheet(HTML) 5 Page - Microchip Technology

  LR745N8-G-P003 Datasheet HTML 1Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 2Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 3Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 4Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 5Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 6Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 7Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 8Page - Microchip Technology LR745N8-G-P003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005394A-page 5
LR745
3.0
APPLICATION INFORMATION
Figure 3-1 shows a simplified typical configuration of a
switch mode power supply, SMPS, using LR745 in the
start-up circuit.
LR745’s VOUT terminal is connected to the VCC line of
a PWM IC. An auxiliary winding on the transformer
generates a VCC voltage to power the PWM IC after
start-up. LR745 supplies power for the PWM IC only
during start-up. After start-up, LR745 turns off and the
auxiliary winding supplies power for the PWM IC.
Figure 3-2 shows the typical current and voltage wave-
forms at various stages from power-up to operation
powered by the auxiliary winding.
3.1
Stage I
Once a voltage is applied on VIN, LR745 starts to
charge the VCC capacitor, C1. The VCC voltage starts to
increase at a rate limited by the internal current limiter
of 3.0mA. The PWM IC is in its start-up condition and
will typically draw 0.5mA from the VCC line. The VCC
voltage will continue to increase until it reaches the
PWM IC’s start threshold voltage, typically 16V.
3.2
Stage II
Once VCC reaches 16V, the PWM IC is in its operating
condition and will typically draw 20mA, depending on
the operating frequency and size of the switching
metal–oxide–semiconductor
field-effect
transistor
(MOSFET). The output of LR745, VOUT, is internally
current limited to 3.0mA. The remaining 17mA will be
supplied by C1, causing the VCC voltage decrease.
When VCC decreases to 13.25V, LR745 will turn off its
output, thereby reducing its input current from 3.0mA to
10s of microamperes. At this point, all 20mA will be
supplied by C1. The PWM IC can now operate to a min-
imum VCC voltage, typically 10V.
Once the switching MOSFET starts operating, the
energy in the primary winding is transferred to the sec-
ondary outputs and the auxiliary winding, thereby build-
ing up VAUX. It is necessary to size the VCC storage
capacitor, C1, such that VAUX increases to a voltage
greater than 10V before VCC decreases to 10V. This
allows VAUX to supply the required operating current for
the PWM IC.
If for some reason the auxiliary voltage does not reach
10V, VCC will continue to decrease. Once VCC goes
below 10V, the PWM IC will return to its start-up condi-
tion. The PWM IC will now only draw 0.5mA. VCC will
continue to decrease but at a much slower rate. Once
VCC decreases below 7.0V, LR745 will turn the output,
VOUT, back on. VOUT will start charging C1 as described
in Stage I.
3.3
Stage III
At this stage, LR745 output is turned off and the PWM
IC is operating from the VAUX supply. The auxiliary volt-
age, VAUX, can be designed to vary anywhere between
the minimum operating VCC voltage of the PWM IC
(10V) to the maximum auxiliary voltage rating of the
LR745 (22V).
FIGURE 3-1:
SIMPLIFIED SMPS USING LR745
High Voltage
V
IN
VOUT
V
CC
I
AUX
V
AUX
C
1
C
2
D
2
I
IN
GND
LR7
PWM IC


Similar Part No. - LR745N8-G-P003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
More results

Similar Description - LR745N8-G-P003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
   High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
   1.3V Start-up Input Voltage
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
January 15, 2015
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
   Ultra High Voltage Start Up
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
   800 V high voltage start-up
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com