Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2037 Datasheet(PDF) 1 Page - Total Power International

Part # MKW2037
Description  Input Filter meets EN 55022,class A and FCC, level A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2037 Datasheet(HTML) 1 Page - Total Power International

  MKW2037 Datasheet HTML 1Page - Total Power International MKW2037 Datasheet HTML 2Page - Total Power International MKW2037 Datasheet HTML 3Page - Total Power International MKW2037 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
2”x 1”x 0.4” Metal Package
Ultra-wide 4:1 Input Range
Operating Temp. Range –40°C to +85°C
Short Circuit Protection
I/O-isolation 1500 VDC
Input Filter meets EN 55022,class A and FCC, level A
3 Years Product Warranty
PRODUCT OVERVIEW
The MKW2000 series is a range of isolated 12W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input voltage
ranges.The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature range
of –40° to +85°C (with derating).
Typical applications for these converters are in battery operated equipment and instrumentation, distributed power systems, data communication and
general industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
VDC(typ.)
μF
%
MKW2021
3.3
2400
240
423
3.9
78
MKW2022
5
2000
200
508
6.8
82
MKW2023
12
1000
100
595
15
84
MKW2024
15
800
80
595
18
470
84
MKW2025
±5
±1000
±100
508
±6.8
82
MKW2026
±12
±500
±50
595
±15
84
MKW2027
24
(9 ~ 36)
±15
±400
±40
595
10
±18
150#
84
MKW2031
3.3
2400
240
212
3.9
78
MKW2032
5
2000
200
254
6.8
82
MKW2033
12
1000
100
298
15
84
MKW2034
15
800
80
298
18
470
84
MKW2035
±5
±1000
±100
254
±6.8
82
MKW2036
±12
±500
±50
298
±15
84
MKW2037
48
(18 ~ 75)
±15
±400
±40
298
5
±18
150#
84
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
42
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
84
24V Input Models
8
8.5
9
Start-Up Threshold Voltage
48V Input Models
14
16
18
24V Input Models
7
8
8.5
Under Voltage Shutdown
48V Input Models
13
15
17
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
3500
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW2037

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2037 MINMAX-MKW2037 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2037

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
   EMI MEET EN 55022 / FCC CLASS B
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
   160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
   60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
   Conductive EMI Meets CISPR/FCC Class B
logo
Hongfa Technology
HFD3 HONGFA-HFD3_17 Datasheet
213Kb / 6P
   Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
   Class A Output Stage with Input Biasing
logo
Hammond Manufacturing L...
RRAL HAMMOND-RRAL Datasheet
54Kb / 1P
   Bati ouvert a 2 montants a assembler en aluminium
1421CNB HAMMOND-1421CNB Datasheet
72Kb / 1P
   ECROU A CAGE A TROU CARRE M6, EN NICKEL
1421CNC HAMMOND-1421CNC Datasheet
71Kb / 1P
   ECROU A CAGE A TROU CARRE 12-24, EN NICKEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com