Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2031 Datasheet(PDF) 2 Page - Total Power International

Part # MKW2031
Description  Input Filter meets EN 55022,class A and FCC, level A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2031 Datasheet(HTML) 2 Page - Total Power International

  MKW2031 Datasheet HTML 1Page - Total Power International MKW2031 Datasheet HTML 2Page - Total Power International MKW2031 Datasheet HTML 3Page - Total Power International MKW2031 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MKW2000 SERIES
DC/DC CONVERTER 12W
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.5
%
Io=10% to 100% (3.3Vo)
---
±0.8
±1.0
%
Load Regulation
Io=10% to 100%
---
±0.2
±0.5
%
Ripple & Noise (20MHz)
---
50
75
mV P-P
Transient Recovery Time
---
150
250
μsec
Transient Response Deviation
25% Load Step Change
---
±1.5
±2.5
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
120
TBD
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
500
650
pF
Switching Frequency
300
350
400
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
700,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate), IEC/EN 60950-1
Input Fuse
24V Input Models
48V Input Models
1500mA Slow-Blow Type
750mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MKW2031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2031 MINMAX-MKW2031 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2031

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
   EMI MEET EN 55022 / FCC CLASS B
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
   160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
   60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
   Conductive EMI Meets CISPR/FCC Class B
logo
Hongfa Technology
HFD3 HONGFA-HFD3_17 Datasheet
213Kb / 6P
   Surge withstand voltage up to 2500VAC, meets FCC Part 68 and Telecordia
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
   Class A Output Stage with Input Biasing
logo
Hammond Manufacturing L...
RRAL HAMMOND-RRAL Datasheet
54Kb / 1P
   Bati ouvert a 2 montants a assembler en aluminium
1421CNB HAMMOND-1421CNB Datasheet
72Kb / 1P
   ECROU A CAGE A TROU CARRE M6, EN NICKEL
1421CNC HAMMOND-1421CNC Datasheet
71Kb / 1P
   ECROU A CAGE A TROU CARRE 12-24, EN NICKEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com