Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC655EUN Datasheet(PDF) 7 Page - Microchip Technology

Part # TC655EUN
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC655EUN Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC655EUN Datasheet HTML 3Page - Microchip Technology TC655EUN Datasheet HTML 4Page - Microchip Technology TC655EUN Datasheet HTML 5Page - Microchip Technology TC655EUN Datasheet HTML 6Page - Microchip Technology TC655EUN Datasheet HTML 7Page - Microchip Technology TC655EUN Datasheet HTML 8Page - Microchip Technology TC655EUN Datasheet HTML 9Page - Microchip Technology TC655EUN Datasheet HTML 10Page - Microchip Technology TC655EUN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 7
TC654/TC655
FIGURE 2-7:
SDA IOL vs. Temperature.
FIGURE 2-8:
VCMAX vs. Temperature.
FIGURE 2-9:
VCMIN vs. Temperature.
FIGURE 2-10:
RPM %error vs.
Temperature.
FIGURE 2-11:
Sense Threshold
(VTHSENSE) Hysteresis vs. Temperature.
FIGURE 2-12:
SDA, SCLK Hysteresis vs.
Temperature.
20
25
30
35
40
45
50
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VOL = 0.4 V
VDD = 5.5 V
VDD = 5.0 V
VDD = 4.0 V
VDD = 3.0 V
2.575
2.580
2.585
2.590
2.595
2.600
2.605
2.610
2.615
2.620
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 4.0 V
VDD = 5.0 V
VDD = 5.5 V
1.180
1.185
1.190
1.195
1.200
1.205
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.0 V
VDD = 5.5 V
VDD = 4.0 V
0
1
2
3
4
5
6
7
8
9
10
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.5 V
VDD = 5.0 V
CF = 1.0 µF
20
25
30
35
40
45
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 5.5V
80
90
100
110
120
130
140
150
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.0 V


Similar Part No. - TC655EUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC655EUN MICROCHIP-TC655EUN Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
More results

Similar Description - TC655EUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
MAX6643 MAXIM-MAX6643 Datasheet
213Kb / 17P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
19-3305; Rev 2; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com