Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW50-12S15 Datasheet(PDF) 6 Page - Total Power International

Part # MKW50-12S15
Description  Smallest Encapsulated 50W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW50-12S15 Datasheet(HTML) 6 Page - Total Power International

  MKW50-12S15 Datasheet HTML 1Page - Total Power International MKW50-12S15 Datasheet HTML 2Page - Total Power International MKW50-12S15 Datasheet HTML 3Page - Total Power International MKW50-12S15 Datasheet HTML 4Page - Total Power International MKW50-12S15 Datasheet HTML 5Page - Total Power International MKW50-12S15 Datasheet HTML 6Page - Total Power International MKW50-12S15 Datasheet HTML 7Page - Total Power International MKW50-12S15 Datasheet HTML 8Page - Total Power International MKW50-12S15 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MKW50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 0-20MHz, measured with a 1μF MLCC and a 10μF Tantalum Capatitor.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter with heatsink, please add a suffix -HS (e.g. MKW50-12S05-HS) to order code.
7
The MKW50 series can meet EN55022 Class A with parallel an external capacitor to the input pins. (12Vin: 22μF/25V 1210 MLCC, 24Vin: 3.3μF/50V 1210 MLCC,
48Vin: 2.2μF/100V 1210 MLCC.
8
The MKW50 series can meet EN61000-4-4 & EN61000-4-5 by adding a capacitor across the input pins.Suggested capacitor: CHEMI-CON KY 330μF/100V.
9
Do not exceed maximum power specification when adjusting output voltage.
10
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
11
Specifications are subject to change without notice.
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW50-12S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50-12S15 MINMAX-MKW50-12S15 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
More results

Similar Description - MKW50-12S15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Advantech Co., Ltd.
855-10619 ADVANTECH-855-10619 Datasheet
549Kb / 2P
   Smallest, Most Reliable Switching Media Converter
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com