Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW50-12S12 Datasheet(PDF) 7 Page - Total Power International

Part # MKW50-12S12
Description  Smallest Encapsulated 50W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW50-12S12 Datasheet(HTML) 7 Page - Total Power International

  MKW50-12S12 Datasheet HTML 1Page - Total Power International MKW50-12S12 Datasheet HTML 2Page - Total Power International MKW50-12S12 Datasheet HTML 3Page - Total Power International MKW50-12S12 Datasheet HTML 4Page - Total Power International MKW50-12S12 Datasheet HTML 5Page - Total Power International MKW50-12S12 Datasheet HTML 6Page - Total Power International MKW50-12S12 Datasheet HTML 7Page - Total Power International MKW50-12S12 Datasheet HTML 8Page - Total Power International MKW50-12S12 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MKW50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
+Vin
2
-Vin
3
Remote On/Off
4
+Vout
5
-Vout
6
Trim
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
50.8x25.4x11mm (2.0x1.0x0.43 inches)
Case Material
:
Aluminium Alloy, Black Anodized Coating
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Potting Material
:
Epoxy (UL94-V0)
Weight
:
30g
Heatsink (Option –HS)
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Black Anodized Coating
Weight
:
9g
The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating
temperature atmosphere.
2. To upgrade the operating temperature of DC/DC converters,
please refer to Derating Curve.
10.16
25.4 [1.00]
[0.40]
10.16
[0.40]
2.54
[0.10]
10.16
[0.40]
5.08
[0.20]
Bottom View
11.0
[0.43]
5.5
[0.22]
6
54
1
2
3
1.1 [0.04]
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW50-12S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50-12S12 MINMAX-MKW50-12S12 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
More results

Similar Description - MKW50-12S12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Advantech Co., Ltd.
855-10619 ADVANTECH-855-10619 Datasheet
549Kb / 2P
   Smallest, Most Reliable Switching Media Converter
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com