Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW40-12S033 Datasheet(PDF) 1 Page - Total Power International

Part # MKW40-12S033
Description  Smallest Encapsulated 40W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW40-12S033 Datasheet(HTML) 1 Page - Total Power International

  MKW40-12S033 Datasheet HTML 1Page - Total Power International MKW40-12S033 Datasheet HTML 2Page - Total Power International MKW40-12S033 Datasheet HTML 3Page - Total Power International MKW40-12S033 Datasheet HTML 4Page - Total Power International MKW40-12S033 Datasheet HTML 5Page - Total Power International MKW40-12S033 Datasheet HTML 6Page - Total Power International MKW40-12S033 Datasheet HTML 7Page - Total Power International MKW40-12S033 Datasheet HTML 8Page - Total Power International MKW40-12S033 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
Smallest Encapsulated 40W Converter!
Package Size 2.0”x 1.0”x 0.4”
Wide 2:1 lnput Range
Excellent Efficiency up to 92%
Operating Temp. Range -40°C to +80°C
Over-temperature Protection
I/O-isolation Voltage 1500VDC
Remote On/Off Control
Shielded Metal Case with Isolated Baseplate
Heatsink (Optional)
CSA/UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
The MKW40 series is a new generation of high performance dc-dc converter modules setting a new standard concerning power density. The product
offers fully 40W in an encapsulated, shielded metal package with dimensions of just 2.0”x1.0”x0.4”. All models provide wide 2:1 input voltage range and
precisely regulated output voltages.
Advanced circuit topology provides a very high efficiency up to 92% which allows an operating temperature range of -40°C to +80°C. Further features
include remote On/Off, trimmable output voltage, under-voltage shutdown as well as overload and over-temperature protection.
Typical applications for these converters are battery operated equipment, instrumentation,distributed power architectures in communication and industrial
electronics and many other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MKW40-12S033
3.3
8000
0
2470
120
3.9
21000
89
MKW40-12S05
5
8000
0
3750
160
6.2
13600
89
MKW40-12S12
12
3330
0
3750
160
15
2400
89
MKW40-12S15
15
2670
0
3700
150
18
1500
90
MKW40-12S24
24
1670
0
3790
160
30
600
88
MKW40-12D12
±12
±1670
±145
3790
70
±15
1200#
88
MKW40-12D15
12
(9 ~ 18)
±15
±1330
±110
3790
60
50
±18
750#
88
MKW40-24S033
3.3
8000
0
1220
75
3.9
21000
90
MKW40-24S05
5
8000
0
1830
80
6.2
13600
91
MKW40-24S12
12
3330
0
1830
85
15
2400
91
MKW40-24S15
15
2670
0
1830
75
18
1500
91
MKW40-24S24
24
1670
0
1850
85
30
600
90
MKW40-24D12
±12
±1670
±145
1870
50
±15
1200#
89
MKW40-24D15
24
(18 ~ 36)
±15
±1330
±110
1870
45
30
±18
750#
89
MKW40-48S033
3.3
8000
0
610
40
3.9
21000
90
MKW40-48S05
5
8000
0
920
50
6.2
13600
91
MKW40-48S12
12
3330
0
910
50
15
2400
92
MKW40-48S15
15
2670
0
910
50
18
1500
92
MKW40-48S24
24
1670
0
920
50
30
600
90
MKW40-48D12
±12
±1670
±145
940
65
±15
1200#
89
MKW40-48D15
48
(36 ~ 75)
±15
±1330
±110
940
65
20
±18
750#
89
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW40-12S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW40-12S033 MINMAX-MKW40-12S033 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results

Similar Description - MKW40-12S033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Phihong USA Inc.
PSA40W PHIHONG-PSA40W Datasheet
89Kb / 2P
   Smallest 40W Universal 2-Wire Input Adapter
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
logo
Power-One
OES021ZC POWER-ONE-OES021ZC Datasheet
484Kb / 3P
   Ultra-Dense 40W converter
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com