Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW25-12D15 Datasheet(PDF) 2 Page - Total Power International

Part # MJW25-12D15
Description  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-12D15 Datasheet(HTML) 2 Page - Total Power International

  MJW25-12D15 Datasheet HTML 1Page - Total Power International MJW25-12D15 Datasheet HTML 2Page - Total Power International MJW25-12D15 Datasheet HTML 3Page - Total Power International MJW25-12D15 Datasheet HTML 4Page - Total Power International MJW25-12D15 Datasheet HTML 5Page - Total Power International MJW25-12D15 Datasheet HTML 6Page - Total Power International MJW25-12D15 Datasheet HTML 7Page - Total Power International MJW25-12D15 Datasheet HTML 8Page - Total Power International MJW25-12D15 Datasheet HTML 9Page - Total Power International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (100ms max.)
48V Input Models
-0.7
---
100
12V Input Models
---
---
9
24V Input Models
---
---
18
Start-Up Threshold Voltage
48V Input Models
---
---
36
VDC
Input Polarity Protection
None
Power Up
---
---
30
ms
Start Up Time
Remote On/Off
Nominal Vin and Constant Resistive Load
---
---
30
ms
Internal Filter Type
All Models
LC Filter (for EN55022,Class A or Class B compliance see page 9)
Short Circuit Current
Hiccup Mode, 0.7Hz typ.
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±2.0
%
Line Regulation
Vin=Min. to Max.
---
---
±0.2
%
Single Output
---
---
±0.2
%
Load Regulation
No Load to Full Load
Dual Output
---
---
±1.0
%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
---
---
±5.0
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
3.3V & 5V Models
---
100
---
mV P-P
Ripple & Noise (20MHz)
12V , 15V & Dual Models
---
150
---
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
---
μsec
Temperature Coefficient
---
---
±0.02
%/
Over Load Protection
Current Limitation at 150% typ. of Iout max., Hiccup
Short Circuit Protection
Hiccup Automatic Recovery
Over Voltage Protection
For Shutdown Voltage see Model Selection Guide
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
2000
pF
Switching Frequency
---
285
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
372,000
---
---
Hours
Safety Approvals(pending)
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
12V Input Models
24V Input Models
48V Input Models
5000mA Slow-Blow Type
2500mA Slow-Blow Type
1250mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0V ~ 1.2V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
---
0.5
mA
Control Input Current (off)
Vctrl = 0V
---
---
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
Supply Off & Nominal Vin
---
3
---
mA
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MJW25-12D15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW25-12D15 MINMAX-MJW25-12D15 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

Similar Description - MJW25-12D15

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com