Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIWI06-24S15 Datasheet(PDF) 3 Page - Total Power International

Part # MIWI06-24S15
Description  DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIWI06-24S15 Datasheet(HTML) 3 Page - Total Power International

  MIWI06-24S15 Datasheet HTML 1Page - Total Power International MIWI06-24S15 Datasheet HTML 2Page - Total Power International MIWI06-24S15 Datasheet HTML 3Page - Total Power International MIWI06-24S15 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIWI06 SERIES
DC/DC CONVERTER 6W, DIP-Package
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter at 3KVDC isolation, please add a suffix H (e.g. MIWI06-24S05H) to order code.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.7g
Bottom View
2
11
14
16
23
15.24 [0.60]
5.08
[0.20]
3
9
22
4.5
[0.18]
31.8 [1.25]
2.54
[0.10]
0.50 [0.02]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MIWI06-24S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIWI06-24S15 MINMAX-MIWI06-24S15 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results

Similar Description - MIWI06-24S15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
   DIP-24 Plastic Package
MIW06 TOTAL-POWER-MIW06 Datasheet
470Kb / 4P
   DIP-24 Plastic Package
MIAR03 TOTAL-POWER-MIAR03 Datasheet
756Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
logo
XP Power Limited
JTB03 XPPOWER-JTB03 Datasheet
108Kb / 2P
   DIP24 Metal Package
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
   DIP-24 Metal Package
logo
XP Power Limited
JTE XPPOWER-JTE Datasheet
246Kb / 2P
   DIP-24 Plastic Case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com