Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3736EUF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3736EUF
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736EUF Datasheet(HTML) 4 Page - Linear Technology

  LTC3736EUF Datasheet HTML 1Page - Linear Technology LTC3736EUF Datasheet HTML 2Page - Linear Technology LTC3736EUF Datasheet HTML 3Page - Linear Technology LTC3736EUF Datasheet HTML 4Page - Linear Technology LTC3736EUF Datasheet HTML 5Page - Linear Technology LTC3736EUF Datasheet HTML 6Page - Linear Technology LTC3736EUF Datasheet HTML 7Page - Linear Technology LTC3736EUF Datasheet HTML 8Page - Linear Technology LTC3736EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC3736
3736f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
LOAD CURRENT (mA)
65
95
100
60
55
90
75
85
80
70
1
100
1000
10000
3736 G01
50
10
VIN = 5V
SYNC/FCB = VIN
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
FIGURE 15 CIRCUIT
VOUT
AC-COUPLED
100mV/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/FCB = VIN
FIGURE 17 CIRCUIT
100
µs/DIV
3736 G02
IL
2A/DIV
VOUT
AC-COUPLED
100mV/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/FCB = 0V
FIGURE 17 CIRCUIT
100
µs/DIV
3736 G03
IL
2A/DIV
Load Step (Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step (Pulse Skipping Mode)
VOUT
AC-COUPLED
100mV/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/FCB = 550kHz EXTERNAL CLOCK
FIGURE 17 CIRCUIT
100
µs/DIV
3736 G04
IL
2A/DIV
Burst Mode
OPERATION
SYNC/FCB = VIN
FORCED
CONTINUOUS
MODE
SYNC/FCB = 0V
VIN = 3.3V
VOUT = 1.8V
ILOAD = 200mA
FIGURE 17 CIRCUIT
4
µs/DIV
3736 G05
PULSE
SKIPPING MODE
SYNC/FCB = 550kHz
IL
1A/DIV
VIN = 5V
RLOAD1 = RLOAD2 = 1Ω
FIGURE 15 CIRCUIT
200
µs/DIV
3736 G06
500mV/
DIV
VOUT1
2.5V
VOUT2
1.8V
Inductor Current at Light Load
Tracking Start-Up with Internal
Soft-Start (CSS = 0µF)
VIN = 5V
RLOAD1 = RLOAD2 = 1Ω
FIGURE 15 CIRCUIT
40ms/DIV
3736 G07
500mV/
DIV
VOUT1
2.5V
VOUT2
1.8V
INPUT VOLTAGE (V)
2
–5
–4
–2
–1
0
5
2
4
6
7
3736 G08
–3
3
4
1
35
8
9
10
Oscillator Frequency
vs Input Voltage
Tracking Start-Up with External
Soft-Start (CSS = 0.15µF)
TA = 25°C unless otherwise noted.


Similar Part No. - LTC3736EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736EUF-1 LINER-LTC3736EUF-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
LTC3736EUF-2 LINER-LTC3736EUF-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
More results

Similar Description - LTC3736EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com