Electronic Components Datasheet Search |
|
MIW3100 Datasheet(PDF) 1 Page - Total Power International |
|
MIW3100 Datasheet(HTML) 1 Page - Total Power International |
1 / 4 page FEATURES ►DIP-24 Plastic Package ►Wide 2:1 Input Range ►High Efficiency up to 86% ►Operating Temp. Range –40°C to +85°C ►Short Circuit Protection ►I/O-isolation 1500VDC ►Cost optimized Design ►3 Years Product Warranty PRODUCT OVERVIEW The MIW3100 series is a range of isolated 6W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage ranges. The product comes in a DIP-24 plastic package with industry standard pinout. An excellent efficiency allows an operating temperature range of –40°C to +85°C.These DC/DC converters offer an economical solution for many cost critical applications in battery-powered equipment and instrumentation. Model Selection Guide Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. Min. @Max. Load @No Load Reflected Ripple Current Max. capacitive Load @Max. Load Model Number VDC VDC mA mA mA(typ.) mA(typ.) mA(typ.) uF % MIW3121 3.3 1200 60 429 77 MIW3122 5 1000 50 514 81 MIW3123 12 500 25 595 6800 84 MIW3126 ±12 ±250 ±12.5 595 84 MIW3127 12 (9 ~ 18) ±15 ±200 ±10 595 20 25 1000# 84 MIW3131 3.3 1200 60 209 79 MIW3132 5 1000 50 251 83 MIW3133 12 500 25 291 6800 86 MIW3136 ±12 ±250 ±12.5 291 86 MIW3137 24 (18 ~ 36) ±15 ±200 ±10 291 5 15 1000# 86 # For each output Input Specifications Parameter Model Min. Typ. Max. Unit 12V Input Models -0.7 --- 25 Input Surge Voltage (1 sec. max.) 24V Input Models -0.7 --- 50 12V Input Models 4.5 6 8 Start-Up Voltage 24V Input Models 8 12 16 12V Input Models --- --- 8 Under Voltage Shutdown 24V Input Models --- --- 16 VDC Reverse Polarity Input Current --- --- 1 A Short Circuit Input Power --- 1000 3000 mW Internal Power Dissipation --- --- 2500 mW Conducted EMI (with suffix A only) All Models Compliance to EN 55022,class A and FCC part 15,class A Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com |
Similar Part No. - MIW3100 |
|
Similar Description - MIW3100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |