Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDWI03-48S05 Datasheet(PDF) 1 Page - Total Power International

Part # MDWI03-48S05
Description  Ultra compact DIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDWI03-48S05 Datasheet(HTML) 1 Page - Total Power International

  MDWI03-48S05 Datasheet HTML 1Page - Total Power International MDWI03-48S05 Datasheet HTML 2Page - Total Power International MDWI03-48S05 Datasheet HTML 3Page - Total Power International MDWI03-48S05 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Ultra compact DIP Package
23.8 x 13.7 x 8.0 mm (0.94 x 0.54 x 0.31 inches)
Efficiency up to 80%
I/O-isolation 1500VDC
Ultra-wide 4:1 Input Range
Operating Temp. Range -40°C to +85°C
Remote On/Off Control
Input Filter meets EN 55022,class A and FCC, level A
CSA/UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
MDWI03 series power modules are in mini-DIP DC/DC converters that operate over input voltage ranges of 9-36VDC and 18-75VDC which provide
precisely regulated output voltages of 3.3V, 5V, 12V, 15V, 24V, ±5V, ±12V and ±15VDC.
Pin compatible with the MDW1000 series, the MDWI03 offers a power rating up to 3W and a typical full-load efficiency of 80%, continuous short circuit,
remote on/off control, EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
The MDWI03 series is an excellent selection for data communication equipment, mobile battery driven equipment, distributed power system,
telecommunication equipment, mixed analog/digital subsystem, process/machine control equipment, computer peripheral equipment and industrial robot
system.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
μF
%
MDWI03-24S033
3.3
600
90
110
220
75
MDWI03-24S05
5
600
90
160
220
78
MDWI03-24S12
12
250
38
156
47
80
MDWI03-24S15
15
200
30
156
47
80
MDWI03-24S24
24
125
19
156
47
80
MDWI03-24D05
±5
±300
±45
162
47#
77
MDWI03-24D12
±12
±125
±19
156
47#
80
MDWI03-24D15
24
(9 ~ 36)
±15
±100
±15
156
30
47#
80
MDWI03-48S033
3.3
600
90
55
220
75
MDWI03-48S05
5
600
90
80
220
78
MDWI03-48S12
12
250
38
78
47
80
MDWI03-48S15
15
200
30
78
47
80
MDWI03-48S24
24
125
19
78
47
80
MDWI03-48D05
±5
±300
±45
81
47#
77
MDWI03-48D12
±12
±125
±19
78
47#
80
MDWI03-48D15
48
(18 ~ 75)
±15
±100
±15
78
20
47#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
4.5
6
8.5
Start-Up Threshold Voltage
48V Input Models
8.5
12
17
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Short Circuit Input Power
---
---
2000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MDWI03-48S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03-48S05 MINMAX-MDWI03-48S05 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results

Similar Description - MDWI03-48S05

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MGWI06 TOTAL-POWER-MGWI06 Datasheet
459Kb / 4P
   Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
logo
Solid State Optronic
SDD400 SSOUSA-SDD400_15 Datasheet
673Kb / 6P
   Compact 4pin DIP package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-300E AVAGO-ACPL-790A-300E Datasheet
198Kb / 15P
   Compact, Auto-Insertable DIP-8 Package
logo
Solid State Optronic
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com