Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA1013D Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # QPA1013D
Description  6 ??18GHz 10W GaN Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA1013D Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button QPA1013D Datasheet HTML 7Page - TriQuint Semiconductor QPA1013D Datasheet HTML 8Page - TriQuint Semiconductor QPA1013D Datasheet HTML 9Page - TriQuint Semiconductor QPA1013D Datasheet HTML 10Page - TriQuint Semiconductor QPA1013D Datasheet HTML 11Page - TriQuint Semiconductor QPA1013D Datasheet HTML 12Page - TriQuint Semiconductor QPA1013D Datasheet HTML 13Page - TriQuint Semiconductor QPA1013D Datasheet HTML 14Page - TriQuint Semiconductor QPA1013D Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
QPA1013D
6
– 18GHz 10W GaN Power Amplifier
Datasheet: Rev B 03-28-16
- 11 of 15 -
Disclaimer: Subject to change without notice
© 2016 TriQuint
www.triquint.com, www.qorvo.com
Application Circuit
Bias-up Procedure
1. Set ID limit to 4A, IG limit to 16mA
2. Set VG to -5.0V
3. Set VD +20V
4. Adjust VG more positive until IDQ = 1250mA (VG ~ -
2.4V Typical)
5. Apply RF signal
Bias-down Procedure
1. Turn off RF signal
2. Reduce VG to -5.0V. Ensure IDQ ~ 0mA
3. Set VD to 0V
4. Turn off VD supply
5. Turn off VG supply


Similar Part No. - QPA1013D

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
QPA1013DEVBP01 QORVO-QPA1013DEVBP01 Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
More results

Similar Description - QPA1013D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
   6-18GHz 10W GaN PA MMIC
Rev F
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517_09 Datasheet
362Kb / 10P
   6-18GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com