Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5642MTC Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5642MTC
Description  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5642MTC Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5642MTC Datasheet HTML 3Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 4Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 5Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 6Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 7Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 8Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 9Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 10Page - National Semiconductor (TI) LM5642MTC Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
20060103
FIGURE 1. Typical 2 Channel Application Circuit
www.national.com
7


Similar Part No. - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642MTC NSC-LM5642MTC Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642MTC TI-LM5642MTC Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MTC/NOPB TI-LM5642MTC/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642MTCX NSC-LM5642MTCX Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642MTCX TI-LM5642MTCX Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Similar Description - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
[Old version datasheet]   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com