Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1066ACP Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1066ACP
Description  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066ACP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1066ACP Datasheet HTML 7Page - Analog Devices ADM1066ACP Datasheet HTML 8Page - Analog Devices ADM1066ACP Datasheet HTML 9Page - Analog Devices ADM1066ACP Datasheet HTML 10Page - Analog Devices ADM1066ACP Datasheet HTML 11Page - Analog Devices ADM1066ACP Datasheet HTML 12Page - Analog Devices ADM1066ACP Datasheet HTML 13Page - Analog Devices ADM1066ACP Datasheet HTML 14Page - Analog Devices ADM1066ACP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADM1066
Rev. 0 | Page 11 of 32
CH1 200mV
M1.00
µs
CH1
756mV
1
DAC
BUFFER
OUTPUT
PROBE
POINT
47pF
20k
Figure 17. Transient Response of DAC Code Change into Typical Load
CH1 200mV
M1.00
µs
CH1
944mV
1
DAC
BUFFER
OUTPUT
1V
PROBE
POINT
100k
Figure 18. Transient Response of DAC to Turn-On from HI-Z State
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 19. DAC Output vs. Temperature
2.058
2.038
2.043
2.048
2.053
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VP1 = 3.0V
VP1 = 4.75V
Figure 20. REFOUT vs. Temperature


Similar Part No. - ADM1066ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL AD-ADM1066ACPZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL7 AD-ADM1066ACPZ-REEL7 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

Similar Description - ADM1066ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com