Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS16-L Datasheet(PDF) 1 Page - Dc Components

Part # SS16-L
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS16-L Datasheet(HTML) 1 Page - Dc Components

  SS16-L Datasheet HTML 1Page - Dc Components SS16-L Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12-L SS13-L SS14-L SS15-L SS16-L SS18-L SS110-L
20
30
40
50
60
80
100
14
21
28
35
42
56
70
20
30
40
50
60
80
100
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SS12-L
THRU
SS110-L
SMA-F ( DO-214AC )
NOTES : 1. Thermal Resistance (Junction to Ambient)
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. P.C.B. mounted with 0.2x0.2"(5.0x5.0mm2) copper pad area.
Dimensions in inches and (millimeters)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VF
IR
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
20
@TA = 25
oC
@TA = 100
oC
mAmps
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
88
110
Amps
0C/ W
0 C
Storage Temperature Range
IO
-55 to +125
pF
Operating Temperature Range
TJ
-55 to +150
0 C
R
θJA
0.55
0.70
FEATURES
* Glass passivated junction
* ldeal for surface mounted applications
* Low leakage current
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.064 gram
* Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
0.85
.071(1.8)
.051(1.3)
.114(2.9)
.098(2.5)
.181(4.6)
.157(4.0)
.012(0.30)
.006(0.15)
.096(2.4)
.078(2.0)
.060(1.5)
.027(0.7)
.228(5.8)
.188(4.8)
.008(0.21)
.002(0.05)


Similar Part No. - SS16-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS16-L MCC-SS16-L Datasheet
259Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS16-L MCC-SS16-L Datasheet
274Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS16-L MCC-SS16-L Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SS16-LFR FRONTIER-SS16-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS16-L

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com