Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ15100 Datasheet(PDF) 2 Page - Dc Components

Part # SQ15100
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SQ15100 Datasheet(HTML) 2 Page - Dc Components

  SQ15100 Datasheet HTML 1Page - Dc Components SQ15100 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (SQ1530 THRU SQ15100)
10
100
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
1000
80
0.01
0.1
10
100
1.0
60
20
40
TJ= 125oC
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
.7
.9
.1
1.0
.6
.8
10
100
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE, (oC)
FIG. 4 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
.1
.2
.3
.4
.5
1.0
1.2
.01
100
120
140
TJ= 75oC
TJ= 25oC
20
40
60
.1
.4
1.0
4
10
40
TJ= 25oC
1
120
180
240
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
JEDEC Method
0
3.0
6.0
12.0
9.0
25
50
75
100 125
0
150 175
10
0
Single
Half Wave 60Hz
Resistive or
Inductive Load
0.375” (9.5mm) Lead Length
15.0
200
SQ1530-1535
SQ1540-1545
SQ1550-1560
SQ1580-15100
TJ = 25OC
Pulse Width = 300
µS
1% Duty Cycle
60
300
360
18.0
R


Similar Part No. - SQ15100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SQ15100 HY-SQ15100 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Similar Description - SQ15100

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com