Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206UFA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1206UFA
Description  200 V - 1,000 V Single Phase Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1206UFA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1206UFA Datasheet HTML 1Page - List of Unclassifed Manufacturers 1206UFA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
228
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
03
69
12
15
Forward Current (A)
1200FA
1200UFA
1200A
0
0.5
1
1.5
2
2.5
3
3.5
25
50
75
100
125
150
Ambient Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
1202A - 1210A • 1202FA - 1210FA • 1202UFA - 1210UFA
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
Ambient Temperature (°C)
Temperature (°C)


Similar Part No. - 1206UFA

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1206UFA VMI-1206UFA Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - 1206UFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1302 ETC-1302 Datasheet
138Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1102B VMI-1102B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
List of Unclassifed Man...
1202D ETC-1202D Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1502FB ETC-1502FB Datasheet
229Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1102A ETC1-1102A Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
3402B ETC1-3402B Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
3202 ETC-3202 Datasheet
232Kb / 2P
   200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3402A VMI-3402A Datasheet
194Kb / 2P
   200 V - 1,000 V Three Phase Bridge
1202A VMI-1202A Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com