Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ1530 Datasheet(PDF) 1 Page - Dc Components

Part # SQ1530
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SQ1530 Datasheet(HTML) 1 Page - Dc Components

  SQ1530 Datasheet HTML 1Page - Dc Components SQ1530 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
DC COMPONENTS CO., LTD.
SQ1530
THRU
SQ15100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DO-27
Dimensions in inches and (millimeters)
Maximum Average Forward Rectified Current
.375*(9.5mm) lead length
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
SQ1530 SQ1535 SQ1540 SQ1545 SQ1550 SQ1560 SQ1580 SQ15100
30
35
40
45
50
60
80
100
21
24.5
28
31.5
35
42
56
70
30
35
40
45
50
60
80
100
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
.375 (9.5)
.335 (8.5)
.220 (5.6)
.197 (5.0)
DIA.
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 30 to 100 Volts
CURRENT - 15 Amperes
@T A = 25
oC
@T A = 100
oC
0C/ W
0 C
TJ, TSTG
R
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
Typical Thermal Resistance (Note 1)
50
450
3.5
R JC
θ
FEATURES
* Low power loss
* Low forward voltage
* High current capability
* High efficiency
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* High surge capability
* Guard ring for transient protection
* Weight: 1.18 gram
* For use in low voltage, high frequency inventers,
free wheeling, and polarity protection applications
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Storage and Operating Temperature Range
Maximum Instantaneous Forward Voltage at 15A DC
mAmps
UNITS
Volts
Volts
Volts
Amps
Amps
pF
Volts
0.5
15
275
-55 to +200
.55
.70
.80
NOTES : 1. Thermal Resistance Junction to case.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
SYMBOL
IO
IR
CJ
VF
IFSM
VDC
VRMS
VRRM


Similar Part No. - SQ1530

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQ1539EH VISHAY-SQ1539EH Datasheet
279Kb / 12P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1539EH VISHAY-SQ1539EH Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1539EH VISHAY-SQ1539EH Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1539EH VISHAY-SQ1539EH_15 Datasheet
307Kb / 16P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
More results

Similar Description - SQ1530

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com