Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA8012-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA8012-99F
Description  C Band High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA8012-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA8012-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA8012-99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA8012-99F
C Band High Power Amplifier
Ref.: DSCHA80123332 - 28 Nov 13
4/8
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +8V, Idq = 2.1A Pulsed mode
Pulse conditions: Pulse length=25µs Period=250µs
Linear Gain versus Frequency
Pout @ 3dBcomp versus Frequency
15
16
17
18
19
20
21
22
23
24
25
4.8
5
5.2
5.4
5.6
5.8
6
6.2
Frequency (GHz)
25
27
29
31
33
35
37
39
41
43
45
4.8
5
5.2
5.4
5.6
5.8
6
6.2
Frequency (GHz)


Similar Part No. - CHA8012-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
CHA8100-99F UMS-CHA8100-99F Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
CHA8100-99F00 UMS-CHA8100-99F00 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
More results

Similar Description - CHA8012-99F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5057X EUDYNA-FMM5057X Datasheet
621Kb / 14P
   C-Band Power Amplifier MMIC
logo
United Monolithic Semic...
CHA4107-QDG UMS-CHA4107-QDG_15 Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
logo
HBH Microwave GmbH
HA5003 HBH-HA5003 Datasheet
20Kb / 2P
   C-Band Driver Amplifier
logo
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier
AM42-0039 MA-COM-AM42-0039_15 Datasheet
611Kb / 4P
   2 Watt C-Band VSAT Power Amplifier
logo
TriQuint Semiconductor
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
613Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM_15 Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2701-SM TRIQUINT-TGA2701-SM_15 Datasheet
730Kb / 16P
   3 Watt C-Band Packaged Power Amplifier
logo
HBH Microwave GmbH
HA5001 HBH-HA5001 Datasheet
12Kb / 1P
   C-Band 25 W Amplifier
HA5004 HBH-HA5004 Datasheet
15Kb / 1P
   C-Band 1 W Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com