Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6194-QXG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA6194-QXG
Description  37- 40GHz Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6194-QXG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA6194-QXG Datasheet HTML 1Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 2Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 3Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHA6194-QXG
37- 40GHz Power Amplifier
Ref. : DSCHA6194-QXG6130 - 09 May 16
2/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Electrical Characteristics
Tamb.= +25°C, Vd = +6.0V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
37
40
GHz
Gain
Small Signal Gain
20
dB
ΔG
Gain variation in temperature
± 0.04
dB/°C
Psat
Saturated Output Power
31
dBm
P1dB
Output power at 1dB compression
30
dBm
OIP3
Output IP3
38
dBm
PAE
PAE at saturation
18
%
CG
Gain regulation range
15
dB
Rlin
Input Return Loss
13
dB
Rlout
Output Return Loss
13
dB
Dr
Detection dynamic range(for output power
detection up to Psat)
32
dB
Vdetect
Voltage detection VREF- VDET up to Psat
5 to
2500
mV
Vg
DC gate Voltage
-0.65
V
Idq
Total drain current
0.8
A
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".


Similar Part No. - CHA6194-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6105-99F UMS-CHA6105-99F Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105-99F00 UMS-CHA6105-99F00 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
More results

Similar Description - CHA6194-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5292A UMS-CHA5292A Datasheet
130Kb / 6P
   37-40GHz Medium Power Amplifier
CHA5297 UMS-CHA5297 Datasheet
103Kb / 4P
   37-40GHz High Power Amplifier
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com