Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5115-QDG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA5115-QDG
Description  X-band Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5115-QDG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA5115-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHA5115-QDG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
X-band Medium Power Amplifier
CHA5115-QDG
Ref. : DSCHA5115-QDG1199 - 18 Jul 11
7/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on board Measurements
Vd = 8V, Id (Quiescent) = 190mA, Drain Pulse width = 100µs, Duty cycle = 20%
Output power @ 3dBcomp versus frequency
Power added efficiency @ 3dBcomp versus frequency
22
23
24
25
26
27
28
29
30
31
32
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
Frequency (GHz)
Pout_3dBcomp @ Temp=-40°C
Pout_3dBcomp @ Temp=25°C
Pout_3dBcomp @ Temp=85°C
0
5
10
15
20
25
30
35
40
45
50
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
Frequency (GHz)
PAE_3dBcomp @ Temp=-40°C
PAE_3dBcomp @ Temp=25°C
PAE_3dBcomp @ Temp=+85°C


Similar Part No. - CHA5115-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5115-99F UMS-CHA5115-99F Datasheet
203Kb / 10P
   X-band Medium Power Amplifier
CHA5115-99F UMS-CHA5115-99F_15 Datasheet
203Kb / 10P
   X-band Medium Power Amplifier
More results

Similar Description - CHA5115-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5115-99F UMS-CHA5115-99F_15 Datasheet
203Kb / 10P
   X-band Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4903-SM TRIQUINT-TGA4903-SM_15 Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
logo
United Monolithic Semic...
CHA4107-QDG UMS-CHA4107-QDG_15 Datasheet
435Kb / 12P
   C-band Medium Power Amplifier
logo
Qorvo, Inc
TGA2535-SM QORVO-TGA2535-SM Datasheet
717Kb / 13P
   X-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2535-SM TRIQUINT-TGA2535-SM_15 Datasheet
1Mb / 13P
   X-Band Power Amplifier
logo
Toshiba Semiconductor
2SC1556 TOSHIBA-2SC1556 Datasheet
240Kb / 4P
   UHF Band Medium Power Amplifier Applicationg
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
logo
Advanced Semiconductor ...
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com