Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17MNR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB100LVEP17MNR2G
Description  2.5V / 3.3V Quad Differential Driver/Receive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17MNR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB100LVEP17MNR2G Datasheet HTML 1Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 2Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 3Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 4Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 5Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 6Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 7Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 8Page - ON Semiconductor NB100LVEP17MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB100LVEP17
http://onsemi.com
2
D1
D1
D2
Q0
Q1
Q1
VEE
D0
Q0
D2
D0
D3
D3
VCC
Figure 1. Logic Diagram
Q2
Q3
Q3
Q2
VBB
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Default
State
Description
TSSOP
QFN
1,20
13,18,21,
22,23
VCC
Positive Supply Voltage. All VCC Pins Must be Externally Connected
to Power Supply to Guarantee Proper Operation.
11
10
VEE
Negative Supply Voltage. All VEE Pins Must be Externally Con-
nected to Power Supply to Guarantee Proper Operation.
10
9
VBB
ECL Reference Voltage Output.
2,4,6,8
1,3,5,7
D[0:3]
ECL Input
Low
Noninverted Differential Inputs [0:3]. Internal 75 k
W to VEE.
3,5,7,9
2,4,6,8
D[0:3]
ECL Input
High
Inverted Differential Inputs [0:3]. Internal 75 k
W to VEE and 37 kW to
VCC.
19,17,15,13
12,15,17,2
0
Q[0:3]
ECL Output
Noninverted Differential Outputs [0:3]. Typically Terminated with
50
W to VTT = VCC − 2 V.
18,16,14,12
11,14,16,1
9
Q[0:3]
ECL Output
Inverted Differential Outputs [0:3]. Typically Terminated with 50
W to
VTT = VCC − 2 V.
N/A
24
NC
No Connect. The NC Pin is Electrically Connected to the Die and
“MUST BE” Left Open.
N/A
EP
Exposed Pad. (Note 1)
1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally conductive expose pad
on the package bottom (see case drawing) must be attached to a heat−sinking conduit.


Similar Part No. - NB100LVEP17MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17MNR2G ONSEMI-NB100LVEP17MNR2G Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
More results

Similar Description - NB100LVEP17MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB4L7210 ONSEMI-NB4L7210_15 Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com