Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7N017MMNG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB7N017MMNG
Description  3.3V SiGe 8?륛it Dual Modulus Programmable Divider/Prescaler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7N017MMNG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB7N017MMNG Datasheet HTML 3Page - ON Semiconductor NB7N017MMNG Datasheet HTML 4Page - ON Semiconductor NB7N017MMNG Datasheet HTML 5Page - ON Semiconductor NB7N017MMNG Datasheet HTML 6Page - ON Semiconductor NB7N017MMNG Datasheet HTML 7Page - ON Semiconductor NB7N017MMNG Datasheet HTML 8Page - ON Semiconductor NB7N017MMNG Datasheet HTML 9Page - ON Semiconductor NB7N017MMNG Datasheet HTML 10Page - ON Semiconductor NB7N017MMNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NB7N017M
www.onsemi.com
7
Table 8. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
-3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
3.6
-3.6
V
VINPP
Differential Input Voltage
|CLK − CLK|
VCC − VEE w 2.8 V
2.8 V
V
Iin
Input Current through RT (50 W Resistor)
Continuous
Surge
25
50
mA
Iout
Output Current
Continuous
Surge
25
50
mA
IBB
VBB Sink/Source
$0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
(Note 1)
0 lfpm
500 lfpm
QFN−52
25 − 32
20 − 27
°C/W
qJC
Thermal Resistance (Junction-to-Case)
2S2P (Note 1)
QFN−52
4 − 15
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).


Similar Part No. - NB7N017MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7N017MMNG ONSEMI-NB7N017MMNG Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017MMNG ONSEMI-NB7N017MMNG Datasheet
139Kb / 19P
   3.3V SiGe 8?묪it Dual Modulus Programmable Divider/Prescaler with CML Outputs
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com