Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7L585MNR4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB7L585MNR4G
Description  2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L585MNR4G Datasheet(HTML) 4 Page - ON Semiconductor

  NB7L585MNR4G Datasheet HTML 1Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 2Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 3Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 4Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 5Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 6Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 7Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 8Page - ON Semiconductor NB7L585MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NB7L585
http://onsemi.com
4
Table 5. DC CHARACTERISTICS POSITIVE LVPECL OUTPUT VCC = 2.375 V to 3.6 V; GND = 0 V; TA = −40°C to 85°C
(Note 5)
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY
VCC
Power Supply Voltage
VCC = 3.3V
VCC = 2.5V
3.0
2.375
3.3
2.5
3.6
2.625
V
ICC
Power Supply Current (Inputs and Outputs Open)
185
225
mA
LVPECL Outputs
VOH
Output HIGH Voltage (Note 6)
VCC = 3.3 V
VCC = 2.5 V
VCC – 1145
2155
1355
VCC – 800
2500
1700
mV
VOL
Output LOW Voltage (Note 6)
VCC = 3.3 V
VCC = 2.5 V
VCC – 2000
1300
500
VCC – 1500
1800
1000
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE−ENDED (Note 7) (Figures 5 & 6)
VIH
Single−ended Input HIGH Voltage
Vth + 100
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
Vth − 100
mV
Vth
Input Threshold Reference Voltage Range (Note 8)
1100
VCC −100
mV
VISE
Single−ended Input Voltage (VIH − VIL)
200
1200
mV
VREFACx (for Capacitor− Coupled Inputs, Only)
VREFAC
Output Reference Voltage @100
mA for Capacitor− Coupled
Inputs, Only
VCC – 1500
VCC – 1200
VCC – 1000
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 7 & 8) (Note 9)
VIHD
Differential Input HIGH Voltage (IN, IN)
1200
VCC
mV
VILD
Differential Input LOW Voltage (IN , IN)
GND
VIHD − 100
mV
VID
Differential Input Voltage (IN , IN) (VIHD − VILD)
100
1200
mV
VCMR
Input Common Mode Range (Differential Configuration, Note 10)
(Figure 9)
1050
VCC − 50
mV
IIH
Input HIGH Current IN/IN (VTIN/VTIN Open)
−150
150
mA
IIL
Input LOW Current IN/IN (VTIN/VTIN Open)
−150
150
mA
CONTROL INPUT (SEL Pin)
VIH
Input HIGH Voltage for Control Pin
2.0
VCC
mV
VIL
Input LOW Voltage for Control Pin
GND
0.8
mV
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor (Measured from INx to VTx)
45
50
55
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC.
6. LVPECL outputs (Qn/Qn) loaded with 50
W to VCC – 2 V for proper operation.
7. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
8. Vth is applied to the complementary input when operating in single−ended mode.
9. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
10. VCMR min varies 1:1 with GND, VCMR max varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB7L585MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L585MNR4G ONSEMI-NB7L585MNR4G Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
More results

Similar Description - NB7L585MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com