Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7L32MMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB7L32MMNR2G
Description  2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L32MMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NB7L32MMNR2G Datasheet HTML 1Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 2Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 3Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 4Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 5Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 6Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 7Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 8Page - ON Semiconductor NB7L32MMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB7L32M
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
R1
75 kW
ESD Protection
Human Body Model
Machine Model
> 500 V
> 30 V
Moisture Sensitivity (Note 1)
QFN−16
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
349
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage
2.8
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
Iout
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
QFN−16
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 2)
0 lfpm
500 lfpm
QFN−16
QFN−16
41.6
35.2
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
1S2P
QFN−16
4.0
°C/W
Tsol
Wave Solder
Pb−Free <3 sec @ 260°C
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. JEDEC standard multilayer board − 1S2P (1 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NB7L32MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L32MMNR2G ONSEMI-NB7L32MMNR2G Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
More results

Similar Description - NB7L32MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
logo
Micrel Semiconductor
SY58052U MICREL-SY58052U Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com