Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7L86M Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB7L86M
Description  2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L86M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB7L86M Datasheet HTML 3Page - ON Semiconductor NB7L86M Datasheet HTML 4Page - ON Semiconductor NB7L86M Datasheet HTML 5Page - ON Semiconductor NB7L86M Datasheet HTML 6Page - ON Semiconductor NB7L86M Datasheet HTML 7Page - ON Semiconductor NB7L86M Datasheet HTML 8Page - ON Semiconductor NB7L86M Datasheet HTML 9Page - ON Semiconductor NB7L86M Datasheet HTML 10Page - ON Semiconductor NB7L86M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NB7L86M
http://onsemi.com
7
Figure 8. Typical Output Waveform at 2.488 Gb/s
with PRBS 2^23−1 (Vinpp = 75 mV)
Figure 9. Typical Output Waveform at 2.488 Gb/s
with PRBS 2^23−1 (Vinpp = 400 mV)
Figure 10. Typical Output Waveform at 10 Gb/s
with PRBS 2^23−1 (Vinpp = 75 mV)
Figure 11. Typical Output Waveform at 10 Gb/s
with PRBS 2^23−1 (Vinpp = 400 mV)
Figure 12. Typical Output Waveform at 12 Gb/s
with PRBS 2^23−1 (Vinpp = 75 mV)
Figure 13. Typical Output Waveform at 12 Gb/s
with PRBS 2^23−1 (Vinpp = 400 mV)
Time (72 ps/div)
Time (72 ps/div)
Time (20 ps/div)
Time (20 ps/div)
Time (16 ps/div)
Time (16 ps/div)
DDJ = 1.2 ps*
DDJ = 1.2 ps*
DDJ = 2 ps**
DDJ = 2 ps**
DDJ = 4 ps***
DDJ = 4 ps***
*Input signal DDJ = 10 ps
**Input signal DDJ = 12 ps
***Input signal DDJ = 14 ps


Similar Part No. - NB7L86M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMN ONSEMI-NB7L86MMN Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNG ONSEMI-NB7L86MMNG Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNR2 ONSEMI-NB7L86MMNR2 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86MMNR2G ONSEMI-NB7L86MMNR2G Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results

Similar Description - NB7L86M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com