Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L295MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L295MNG
Description  2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L295MNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L295MNG Datasheet HTML 1Page - ON Semiconductor NB6L295MNG Datasheet HTML 2Page - ON Semiconductor NB6L295MNG Datasheet HTML 3Page - ON Semiconductor NB6L295MNG Datasheet HTML 4Page - ON Semiconductor NB6L295MNG Datasheet HTML 5Page - ON Semiconductor NB6L295MNG Datasheet HTML 6Page - ON Semiconductor NB6L295MNG Datasheet HTML 7Page - ON Semiconductor NB6L295MNG Datasheet HTML 8Page - ON Semiconductor NB6L295MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 4
1
Publication Order Number:
NB6L295/D
NB6L295
2.5V / 3.3V Dual Channel
Programmable Clock/Data
Delay with Differential
LVPECL Outputs
Multi−Level Inputs w/ Internal Termination
The NB6L295 is a Dual Channel Programmable Delay Chip
designed primarily for Clock or Data de−skewing and timing
adjustment. The NB6L295 is versatile in that two individual variable
delay channels, PD0 and PD1, can be configured in one of two
operating modes, a Dual Delay or an Extended Delay.
In the Dual Delay Mode, each channel has a programmable delay
section which is designed using a matrix of gates and a chain of
multiplexers. There is a fixed minimum delay of 3.2 ns per channel.
The Extended Delay Mode amounts to the additive delay of PD0
plus PD1 and is accomplished with the Serial Data Interface MSEL bit
set High. This will internally cascade the output of PD0 into the input
of PD1. Therefore, the Extended Delay path starts at the IN0/IN0
inputs, flows through PD0, cascades to the PD1 and outputs through
Q1/Q1. There is a fixed minimum delay of 6 ns for the Extended
Delay Mode.
The required delay is accomplished by programming each delay
channel via a 3−pin Serial Data Interface, described in the application
section. The digitally selectable delay has an increment resolution of
typically 11 ps with a net programmable delay range of either 0 ns to
6 ns per channel in Dual Delay Mode; or from 0 ns to 11.2 ns for the
Extended Delay Mode.
The Multi−Level Inputs can be driven directly by differential
LVPECL, LVDS or CML logic levels; or by single ended LVPECL,
LVCMOS or LVTTL. A single enable pin is available to control both
inputs. The SDI input pins are controlled by LVCMOS or LVTTL
level signals. The NB6L295 LVPECL output contains temperature
compensation circuitry. This device is offered in a 4 mm x 4 mm
24−pin QFN Pb−free package. The NB6L295 is a member of the
ECLinPS MAX
™ family of high performance products.
Features
Input Clock Frequency > 1.5 GHz with 550 mV
VOUTPP
Input Data Rate > 2.5 Gb/s
Programmable Delay Range: 0 ns to 6 ns per Delay
Channel
Programmable Delay Range: 0 ns to 11.2 ns for
Extended Delay Mode
Total Delay Range: 3.2 ns to 8.8 ns per Delay Channel
Total Delay Range: 6 ns to 17 ns in Extended Delay
Mode
Monotonic Delay: 11 ps Increments in 511 Steps
Linearity $20 ps, Maximum
100 ps Typical Rise and Fall Times
3 ps Typical Clock Jitter, RMS
20 ps Pk−Pk Typical Data Dependent Jitter
LVPECL, CML or LVDS Differential Input Compatible
LVPECL, LVCMOS, LVTTL Single−Ended Input
Compatible
3−Wire Serial Interface
Input Enable/Disable
Operating Range: VCC = 2.375 V to 3.6 V
LVPECL Output Level; 780 mV Peak−to−Peak, Typical
Internal 50 W Input Termination Provided
−40°C to 85°C Ambient Operating Temperature
24−Pin QFN, 4 mm x 4 mm
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAM*
http://onsemi.com
QFN−24
MN SUFFIX
CASE 485L
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
NB6L
295
ALYWG
G
1
24
24
1


Similar Part No. - NB6L295MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MNG ONSEMI-NB6L295MNG Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
More results

Similar Description - NB6L295MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295M ONSEMI-NB6L295M Datasheet
194Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
January, 2010 ??Rev. 4
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com