Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N7132DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB4N7132DTR2G
Description  Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N7132DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB4N7132DTR2G Datasheet HTML 1Page - ON Semiconductor NB4N7132DTR2G Datasheet HTML 2Page - ON Semiconductor NB4N7132DTR2G Datasheet HTML 3Page - ON Semiconductor NB4N7132DTR2G Datasheet HTML 4Page - ON Semiconductor NB4N7132DTR2G Datasheet HTML 5Page - ON Semiconductor NB4N7132DTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NB4N7132
http://onsemi.com
4
Table 5. DC CHARACTERISTICS VDD = 3.30 V $5%, GND = 0 V; TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
VDD
Power Supply Voltage, 3.30 V $5%
3.14
3.47
V
IDD
Power Supply Current (Outputs open)
105
125
mA
PD
Power Dissipation; Outputs Open; VDD = VDDmax
450
mW
DVIN
Receiver Differential Voltage Amplitude; (IN, IN0, IN1), AC−Coupled,
Internally Biased to 1.2 V;
Differential Measurement − (VINn+ − VINn−)
300
2600
mV
DVOUT50 Output Differential Voltage Swing, peak−peak; (OUT, OUT0, OUT1)
Outputs loaded / terminated with 50 W to VDD – 2.0 V
Differential Measurement − (VOUTn+ − VOUTn−)
1000
2200
mV
DVOUT75 Output Differential Voltage Swing, peak−peak; (OUT, OUT0, OUT1)
Outputs loaded / terminated with 75 W to VDD – 2.0 V
Differential Measurement − (VOUTn+ − VOUTn−)
1200
2200
mV
LVCMOS/LVTTL INPUTS
VIH
Input HIGH Voltage, TTL
2.0
VDD + 0.5
V
VIL
Input LOW Voltage, TTL
0
0.8
V
IIH
Input HIGH Current, TTL; VIN = 2.4 V
100
mA
IIL
Input LOW Current, TTL; VIN = 0.5 V
−100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. AC CHARACTERISTICS VDD = 3.3 V $5%, GND = 0 V −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
fIN / OUT
Input / Output Frequency Range
1.5
Gb/s
tr/tf
Output rise and Fall Times (Note 3)
140
175
ps
tPD
Propagation Delay, IN to OUT
0.375
4.0
ns
TDJ
Deterministic Jitter Added to Serial Input Up to 1.5 Gb/s;
K28.5$ Pattern
40
ps pk−pk
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Measured 20% to 80%
Figure 4. Timing Waveforms
IN1+/−
OUT+/−
IN0+/−
IN+/−
OUT0+/−
OUT1+/−
tpd
tpd
tJ


Similar Part No. - NB4N7132DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N7132DTR2G ONSEMI-NB4N7132DTR2G Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
More results

Similar Description - NB4N7132DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI-SN65LVCP15 Datasheet
302Kb / 9P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com